Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP-15/5/440 Datasheet(PDF) 1 Page - Littelfuse

Part # CAP-15/5/440
Description  Motor Run Capacitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CAP-15/5/440 Datasheet(HTML) 1 Page - Littelfuse

  CAP-15/5/440 Datasheet HTML 1Page - Littelfuse CAP-15/5/440 Datasheet HTML 2Page - Littelfuse CAP-15/5/440 Datasheet HTML 3Page - Littelfuse CAP-15/5/440 Datasheet HTML 4Page - Littelfuse CAP-15/5/440 Datasheet HTML 5Page - Littelfuse CAP-15/5/440 Datasheet HTML 6Page - Littelfuse CAP-15/5/440 Datasheet HTML 7Page - Littelfuse CAP-15/5/440 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Littelfuse.com/HCK
© 2022 Littelfuse, Inc.
Rev: 052422
Motor Run Capacitor
HCK Series
440 Volt • 50/60 Hz
Description
The HCK Series capacitors are used in single phase motor applications when there is a need for improved torque and
efficiency. These run capacitors provide a phase shift to the secondary winding of the motor thereby increasing the torque
and power factor.
Applications
• HVAC/R
• Food & Beverage
• Pool & Spa
• Motors
• Electronics
Features & Benefits
FEATURES
BENEFITS
Single and dual rated values
To meet a broad range of applications
Round or oval case options
To maximize product footprint
Aluminum oil filled construction
To help cool and extend the life of the capacitor
Designed & manufactured in accordance with UL 810 and
EIA standard RS-456
To ensure product meets quality benchmarks
Movable contacts with heavy duty silver alloy
Helps extend the life of the product
Coil Terminal Connections
.0250” x 0.032” quick connect terminals
Rated AC Voltage
370 and 440 V ac (contact factory for alternative voltages)
Operating Temperature
-40 °C to 70 °C; -40 °F to 158 °F (70 °C Maximum)
Dissipation Factor
0.1% max.
Internal Protection
0.1% max.; UL recognized internal protection bridge capable of interrupting up to 10k amp
Capacitance Tolerance
3 % available
Leakage Current
30 uA max.
Frequency
50/60 Hz
Operating Life
22,000 hours with 94 % survival; 60,000 hours available
Case Material/Finish
Unpainted aluminum construction
Mounting Method
Strap Mount
Specifications


Similar Part No. - CAP-15/5/440

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
CAP-18 TEKTRONIX-CAP-18 Datasheet
236Kb / 3P
Picoammeter
More results

Similar Description - CAP-15/5/440

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
125QPC250KA3 ILLINOISCAPACITOR-125QPC250KA3 Datasheet
170Kb / 1P
MOTOR RUN/AC
125QPC400KA3 ILLINOISCAPACITOR-125QPC400KA3 Datasheet
170Kb / 1P
MOTOR RUN/AC
185QPC350KB5B ILLINOISCAPACITOR-185QPC350KB5B Datasheet
141Kb / 1P
MOTOR RUN/AC
205QPC450KB5B ILLINOISCAPACITOR-205QPC450KB5B Datasheet
141Kb / 1P
MOTOR RUN/AC
255QPC400KB5B ILLINOISCAPACITOR-255QPC400KB5B Datasheet
141Kb / 1P
MOTOR RUN/AC
255QPC400KB5 ILLINOISCAPACITOR-255QPC400KB5 Datasheet
141Kb / 1P
MOTOR RUN/AC
275QPC400KB5 ILLINOISCAPACITOR-275QPC400KB5 Datasheet
152Kb / 1P
MOTOR RUN/AC
305QPC250KA3 ILLINOISCAPACITOR-305QPC250KA3 Datasheet
170Kb / 1P
MOTOR RUN/AC
305QPC400KB8 ILLINOISCAPACITOR-305QPC400KB8 Datasheet
137Kb / 1P
MOTOR RUN/AC
logo
Cornell Dubilier Electr...
SFA CDE-SFA Datasheet
111Kb / 1P
AC Motor- Run Capacitor Hardware and Accessories
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com