Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX8941 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX8941
Description  TM Adjustable Low Dropout Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8941 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX8941 Datasheet HTML 1Page - Microsemi Corporation LX8941 Datasheet HTML 2Page - Microsemi Corporation LX8941 Datasheet HTML 3Page - Microsemi Corporation LX8941 Datasheet HTML 4Page - Microsemi Corporation LX8941 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LX8941
PRELIMINARY DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2001
Rev. 0.7a, 2005-11-10
Adjustable Low Dropout Regulator
TM
®
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN) ........................................................................................................26V
Operating Temperature Range ................................................................................... 150
°C
Storage Temperature Range.........................................................................-65
°C to 150°C
Lead Temperature (Soldering 10 seconds)................................................................. 300
°C
Package Peak Temp. for Solder Reflow (40 seconds maximum exposure) ... 260°C (+0 -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal
.
TH ERMAL DATA
P
Plastic TO-220 5-Pin
THERMAL RESISTANCE
-JUNCTION TO TAB,
θ
JT
4.5
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
60
°C/W
DD Plastic TO-263 5-Pin
THERMAL RESISTANCE
-JUNCTION TO CASE,
θ
JC
4.5
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
60
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system. All of the
above assume no ambient airflow.
PACKAGE PIN OUT
1
2
3
TAB is GND
4
5
GND
ON/OFF
ADJ
V
O
V
IN
P PACKAGE
(Top View)
1
V
IN
GND
ON/OFF
2
3
TAB is GND
4
5
ADJ
V
O
DD PACKAGE
(Top View)
RoHS / Pb-free 100% matte Tin Lead Finish
RECOMM END E D O P ERATING CONDITIONS
LX8941
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage (Note 2)
VIN
3.8
26
V
Load Current (with Adequate Heatsinking)
5
1000
mA
Input Capacitor (VIN to GND)
0.1
µF
Output Capacitor with ESR of 10Ω max., (VOUT to GND)
10
µF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com