Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3501 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 2N3501
Description  NPN Transistor Bare Die
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

2N3501 Datasheet(HTML) 2 Page - Silicon Supplies

  2N3501 Datasheet HTML 1Page - Silicon Supplies 2N3501 Datasheet HTML 2Page - Silicon Supplies 2N3501 Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Absolute Maximum Ratings T
A = 25°C unless otherwise stated
Rev 1.0
31/01/25
NPN Transistor Bare Die, 2N3501
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
150
V
Collector-Emitter Voltage
VCEO
150
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
300
mA
Junction & Storage Temperature
TJ , Tstg
150
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
V(BR)CBO
IC = 10µA
150
-
-
V
Collector-Emitter Breakdown Voltage
1
V(BR)CEO
IC = 10mA
150
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE = 10µA
6
-
-
V
VCB = 75V
-
-
50
nA
Collector Cut-off Current
ICBO
VCB = 150V
-
-
10
µA
VEB = 4V
-
-
25
nA
Emitter Cut-off Current
IEBO
VEB = 6V
-
-
10
µA
ON CHARACTERISTICS
1
VCE = 10V, IC = 0.1mA
35
-
-
-
VCE = 10V, IC = 1mA
50
-
-
-
VCE = 10V, IC = 10mA
75
-
-
-
VCE = 10V, IC = 150mA
100
-
300
-
Forward-Current Transfer Ratio
hFE
VCE = 10V, IC = 300mA
20
-
-
-
IC = 10mA, IB = 1mA
-
-
0.2
V
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 150mA, IB = 15mA
-
-
0.4
V
IC = 10mA, IB = 1mA
-
-
0.8
V
Base Saturation Voltage
VBE(sat)
IC = 150mA, IB = 15mA
-
-
1.2
V
SMALL SIGNAL CHARACTERISTICS
2
Forward Current Transfer Ratio
|hfe|
VCE = 20V, IC = 20mA, f = 100MHz
1.5
-
8.0
-
Output Capacitance
Cobo
VCB = 10V,IE = 0, 100kHz ≤ f ≤ 1MHz
-
-
8.0
pF
Input Capacitance
Cibo
VEB = 0.5V,IC = 0, 100kHz ≤ f ≤ 1MHz
-
-
80
pF
SWITCHING CHARACTERISTICS
2
Turn-On Time
ton
VEB = 5V, IC = 150mA, IB1 = 15 mA
-
-
115
ns
Turn-Off Time
toff
IC = 150mA, IB1 = IB2 = -15mA
-
-
1150
ns
Electrical Characteristics T
A = 25°C unless otherwise stated
1. Pulse Test: pulse width = 300µs, duty cycle < 2.0% 2. Not production testing in die form, characterized by chip design & package verification.
Page 2 of 3
www.siliconsupplies.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com