Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBV-RPI1508GV11 Datasheet(PDF) 1 Page - AG Electronica

Part # HBV-RPI1508GV11
Description  CAMARA PARA RASPBERRY PI 2/3B OV5647 65° FOV
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

HBV-RPI1508GV11 Datasheet(HTML) 1 Page - AG Electronica

  HBV-RPI1508GV11 Datasheet HTML 1Page - AG Electronica HBV-RPI1508GV11 Datasheet HTML 2Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.agelectronica.com
HBV-RPI1508G V11: CAMARA PARA RASPBERRY PI 2/3B OV5647 65° FOV
Descripción
Módulo de cámara 1080p 720p,5MP Webcam compatible con Raspberry Pi 2 Modelo B y Raspberry
Pi 3 B
Especificaciones
Sensor OmniVision OV5647 de 5 Megapíxeles.
Dimensiones del sensor: 3.67 x 2.74 mm
Distancia de enfoque ajustable
Especificaciones de la cámara:
• Tamaño del sensor: 1/4 de pulgada
• Apertura (F): 2.9
• Longitud focal: 3.29 mm
• FOV: 65 grados
• Resolución máxima del sensor: 2592 p x 1944 p
• Tamaño del píxel: 1.4 µm x 1.4 µm
• Lente: f=3.6 mm, f/2.9
• Ángulo de visión: 54 x 41 grados
• Video: 1080p a 30 fps con codec H.264 (AVC), 90 fps en VGA
Dimensiones: 25 mm x 24 mm
¿Cómo usarse?
Para activar la cámara, ingrese los siguientes comandos en la terminal de Raspbian:
apt-get update
apt-get upgrade
Ejecute desde la terminal:
sudo raspi-config


Similar Part No. - HBV-RPI1508GV11

ManufacturerPart #DatasheetDescription
logo
AG Electronica
HBV-RPI1509B-130V11 AGELECTRONICA-HBV-RPI1509B-130V11 Datasheet
805Kb / 3P
MODULO-CAMARA 5MP ENFOQUE FIJO
25/08/2021
More results

Similar Description - HBV-RPI1508GV11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-28-PTU-PI ETC2-ULCD-28-PTU-PI Datasheet
480Kb / 9P
Raspberry Pi Display Module Pack
4D-SERIAL-PI-ADAPTOR ETC2-4D-SERIAL-PI-ADAPTOR Datasheet
1Mb / 5P
4D Raspberry Pi Serial Adaptor
ULCD-43-PT-PI ETC2-ULCD-43-PT-PI Datasheet
442Kb / 10P
Raspberry Pi Display Module Pack
2144 ETC2-2144 Datasheet
62Kb / 1P
Flex Cable for Raspberry Pi Camera - 2 meters
logo
SparkFun Electronics
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
PRT-15008 SPARKFUN-PRT-15008 Datasheet
101Kb / 2P
Raspberry Pi 3 B Baseplate
10-29-18
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
RPI3-MODBP ETC-RPI3-MODBP Datasheet
686Kb / 5P
Raspberry Pi 3 Model B
logo
NimbeLink Corp.
NL-AB-RPI NIMBELINK-NL-AB-RPI Datasheet
613Kb / 10P
Skywire ® Raspberry Pi Adapter
March 2020
logo
List of Unclassifed Man...
110020169 ETC-110020169 Datasheet
3Mb / 50P
Grove Base Kit for Raspberry Pi
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com