Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR26 Datasheet(PDF) 5 Page - Same Sky Devices

Part # PR26
Description  POWER RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

PR26 Datasheet(HTML) 5 Page - Same Sky Devices

  PR26 Datasheet HTML 1Page - Same Sky Devices PR26 Datasheet HTML 2Page - Same Sky Devices PR26 Datasheet HTML 3Page - Same Sky Devices PR26 Datasheet HTML 4Page - Same Sky Devices PR26 Datasheet HTML 5Page - Same Sky Devices PR26 Datasheet HTML 6Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SAME SKY | SERIES: PR26 | DESCRIPTION: POWER RELAY
date 09/12/2024 | page 5 of 6
sameskydevices.com
CHARACTERISTIC CURVES
Coil Temperature Rise
Life Curve
Maximum Switching Power
130
0
80
9100
120
110150
140160
30A
0A
25A
20A
15A
0
40
110
90
80
70
50
60
100
Percentage of Nominal Coil Voltage (%)
Contact Voltage (V)
1C (NO)
1 C (NC)
1
40
30
20
15
100
10
10
100200
1000
AC Resistive
Load
DCResistive
Load
1A
Contact Current (A)
1A
1C (NO)
1C (NC)
10
20
40
30
0
1
30
100
10
Test Conditions:
Resistive load, unsealed, room temp, 1 second
on 9 seconds off
Additional Resources: Product Page | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com