Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HF88M32B Datasheet(PDF) 13 Page - King blillion Electronics Co.,Ltd.

Part # HF88M32B
Description  command interfaced 4M x 8 bit Mask ROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88M32B Datasheet(HTML) 13 Page - King blillion Electronics Co.,Ltd.

Back Button HF88M32B Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 15Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HF88M32B
January 16, 2004
13
V1.11
This specification is subject to change without notice. Please contact sales person for the latest version before use.
7.6.
Output to P0 and P1 Ports
CE n
WE n
OE n
P 0_D a ta
D [7:0]
FFh
5 5 h
AA h
ZZ
ZZ
O u tput to P 0 a nd P 1 P o rts
P 0_D IR
P 1_D a ta
P 1_D IR
RS [2 :0 ]
101b
111b
FFh
FF h
FFh
00h
FF h
00h
000b
FF h
100b
110b
55h
AA h
8. Absolute Maximum Rating
Items
Symbol
Rating
Supply Voltage
VCC
2.4 ~ 3.6 V
Input Voltage
VIN
-0.3 to Vdd+0.3 V
Operating Temperature
TOPR
-0 to 70
°C
Storage Temperature
TSTR
-55 to 125
°C
9. AC/DC Electrical Characteristics
(GND = 0V, VCC = 3.0V, TOPR = 25°C unless otherwise noted)
Parameter
Symbol
Min.
Typical
Max.
Unit
Condition
Supply Voltage
VCC
2.4
-
3.6
V
Operating Current
ICC
-
30
-
mA
No load, tRC@ 100 ns
Standby Current
ISTBY
-
10
-
µA
No load
VIH
2/3
-
1
Input voltage
VIL
0
-
1/3
VCC
VCC = 2.4V ~ 3.6V
Input current leakage
IIL
-
-
± 10
µA
P0, P1 Output High Voltage
VOH
2.4
-
-
V
IOH = 0.3 mA
P0, P1 Output Low Voltage
VOL
-
-
0.4
V
IOL = 2.1 mA
D Output High Voltage
VOH
2.4
-
-
V
IOH = 1.4 mA
D Output Low Voltage
VOL
-
-
0.4
V
IOL = 3 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com