Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE847701 Datasheet(PDF) 2 Page - King blillion Electronics Co.,Ltd.

Part # HE847701
Description  8-bit Micro-controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE847701 Datasheet(HTML) 2 Page - King blillion Electronics Co.,Ltd.

  HE847701 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HE847701
HE80000 SERIES
March 26, 2004
Page 2 of 29
V1.03
This specification is subject to change without notice. Please contact sales person for the latest version before use.
1. General Description
HE847701 is a member of 8-bit Micro-controller series developed by King Billion Electronics. Four LCD
driver configurations, 32 COM x 128 SEG, 48 COM x 112 SEG, 64 COM x 96 SEG or 80 COM x 80
SEG are available by mask option. 24 LCD segment driver pins multiplexed with I/O pins to provide
flexibility of wide variety of combinations to suit the needs of applications. The built-in LCD power
supply is equipped with voltage charge-pump circuit to generate the high voltage required by the high
duty LCD driver, bias voltage generating circuit and input voltage regulator circuit to supply stable LCD
display effect over the wide battery life. The built-in OP comparator can be used with (light, voice,
temperature, humility) sensor and used as battery low detection. 7-bit current-type D/A converter and
PWM device provide the complete speech output mechanism. The 2M ROM Size can be used in the
storage of speech, graphic, text, etc. It is ideal for applications such as Translator, Data Bank, Educational
Toy, Digital Voice Recording System, etc.
The instruction set of HE80000 series is easy to learn and simple to use. Only about thirty instructions
with four-type addressing mode are provided. Most of instructions take only 3 oscillator clocks to execute.
The processing power is enough to most of battery operation system.
2. Features
Operation Voltage:
2.4V ~ 3.6V
System Clock:
DC ~ 8 MHz @ VDD=3.6V and VDD-VDD_RAM ≦0.3Volt.
DC ~ 6 MHz @ VDD=2.4V and VDD-VDD_RAM ≦0.3Volt.
Internal ROM:
2M Bytes (256 KB Program ROM + 1792 KB Data ROM)
Internal RAM:
16K Bytes
Dual Clock System: Fast clock:
32768 ~ 8M Hz (No Internal Clock)
Slow clock:
32768 Hz
Operation modes:
Fast, Slow, Idle and Sleep modes.
24 ~ 48 bit bi-directional general purpose I/O port with push-pull or Open-Drain output type
selectable for each I/O pin by mask option. 24 of them are multiplexed with LCD segment
pins.
Built-in 4x20 hardware keyboard scan circuit (multiplexed with LCD SEG pin) helps to
reduce the pin counts as well as the firmware effort.
Voltage Detector with two detecting thresholds.
Four LCD configurations: 32 COM x 128 SEG, 48 COM x 112 SEG, 64 COM x 96 SEG or
80 COM x 80 SEG. All of LCD configurations are B TYPE.
Built-in LCD power supply with input voltage regulator, voltage charge pump and bias
voltage generating circuit.
One 7-bit current-type DAC output.
Single-ended Pulse Width Modulation circuit for alternative voice output.
Built-in OP comparator.
Two 16-bit timers and one Time-Base timer.
Watch Dog Timer to prevent deadlock condition.
Two external interrupts and three internal timer interrupts.
Instruction set: 32 instructions with 4 addressing mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com