Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSS8402DWT/R7-R Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # BSS8402DWT/R7-R
Description  COMPLIMENTARY PAIR ENHANCEMENT MODE MOSFETS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BSS8402DWT/R7-R Datasheet(HTML) 3 Page - Pan Jit International Inc.

  BSS8402DWT/R7-R Datasheet HTML 1Page - Pan Jit International Inc. BSS8402DWT/R7-R Datasheet HTML 2Page - Pan Jit International Inc. BSS8402DWT/R7-R Datasheet HTML 3Page - Pan Jit International Inc. BSS8402DWT/R7-R Datasheet HTML 4Page - Pan Jit International Inc. BSS8402DWT/R7-R Datasheet HTML 5Page - Pan Jit International Inc. BSS8402DWT/R7-R Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DS
V = -25V, I = -0.1A
DS
GS
V = ±20V, V = 0V
Electrical Characteristics - P-CHANNEL - Q , BSS84
Parameter
Symbol
Min
Units
Drain-Source Breakdown Voltage
T = 25°C Unless otherwise noted
Conditions
Typ
Max
BVDSS D
I = -250µA, V = 0V
Zero Gate Voltage Drain Current
I DSS
V = -50V, V = 0V, T =25°C
DS
Gate-Body Leakage
-50
-
-
V
-
-
-15
-
-
-60
µA
-
±10
nA
-
-0.1
--
OFF CHARACTERISTICS (Note 3)
I GSS
DS
DS
V = -50V, V = 0V, T =125°C
V = -25V, V = 0V, T =25°C
GS
GS
GS
J
J
J
J
D
Parameter
Symbol
Min
Units
Gate Threshold Voltage
Conditions
Typ
Max
VGS(th) DS
V = V , I = -1mA
Forward Transconductance
-0.8
1.44
-2.0
V
ON CHARACTERISTICS (Note 3)
g FS
GS
D
0.05
-
-
S
Static Drain-Source On-ResistanceRDS(ON) GS
V = -5V, I = -0.1A
-
3.8
10
Ohms
D
Parameter
Symbol
Min
Units
Input Capacitance
Conditions
Typ
Max
Ciss
Reverse Transfer Capacitance
-
-
45
pF
DYNAMIC CHARACTERISTICS
Crss
-
-12
pF
Output Capacitance
Coss
DS
V = -25V,
V = 0V,
f = 1.0MHz
-
-
25
pF
GS
Parameter
Symbol
Min
Units
Turn-On Delay Time
Conditions
Typ
Max
t D(ON)
-
7.5
-
ns
SWITCHING CHARACTERISTICS
Turn-Off Delay Time
-
25
-
ns
t D(OFF)
V = -30V, I = -0.27A,
R
= 50ohm, V = -10V
DD
D
GEN
GS
Note 3. Short duration test pulse used to minimize self-heating
GS
BSS8402DW
2
www.panjit.com
9/15/2005
Page 3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com