Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSS8402DWT/R13-R Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BSS8402DWT/R13-R
Description  COMPLIMENTARY PAIR ENHANCEMENT MODE MOSFETS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BSS8402DWT/R13-R Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BSS8402DWT/R13-R Datasheet HTML 1Page - Pan Jit International Inc. BSS8402DWT/R13-R Datasheet HTML 2Page - Pan Jit International Inc. BSS8402DWT/R13-R Datasheet HTML 3Page - Pan Jit International Inc. BSS8402DWT/R13-R Datasheet HTML 4Page - Pan Jit International Inc. BSS8402DWT/R13-R Datasheet HTML 5Page - Pan Jit International Inc. BSS8402DWT/R13-R Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BSS8402DW
COMPLIMENTARY PAIR ENHANCEMENT MODE MOSFETS
1
2
3
4
5
6
1
2
3
4
5
6
FEATURES
APPLICATIONS
MAXIMUM RATINGS - TOTAL DEVICE
Rating
Symbol
Value
Units
This space-efficient device contains an electrically-isolated complimentary pair
of enhancement-mode MOSFETs (one N-channel and one P-channel). It
comes in a very small SOT-363 (SC70-6L) package. This device is ideal for
portable applications where board space is at a premium.
Low On-Resistance
Available in lead-free plating (100% matte tin finish)
Low Gate Threshold Voltage
Fast Switching
Switching Power Supplies
Hand-Held Computers, PDAs
Total Power Dissipation (Note 1)
Operating Junction and Storage Temperature Range
9/15/2005
Page 1
www.panjit.com
200
mW
°C
-55 to +150
P
T, T
D
stg
T = 25°C Unless otherwise noted
J
J
SOT- 363
12
3
65
4
Note 1. FR-5 board 1.0 x 0.75 x 0.062 inch with minimum recommended pad layout
Complimentary Pairs
MAXIMUM RATINGS N - CHANNEL - Q , 2N7002
Rating
Symbol
Value
Units
Drain-Source Voltage
Drain-Gate Voltage R
< 1.0Mohm
Gate-Source Voltage - Continuous
Drain Current - Continuous (Note 1)
60
V
V
60
V
±20
mA
115
V
V
V
I
DSS
DGR
GSS
D
T = 25°C Unless otherwise noted
J
1
GS
MAXIMUM RATINGS P - CHANNEL - Q , BSS84
Rating
Symbol
Value
Units
Drain-Source Voltage
Drain-Gate Voltage R
< 20Kohm
Gate-Source Voltage - Continuous
Drain Current - Continuous (Note 1)
-50
V
V
-50
V
±20
mA
130
V
V
V
I
DSS
DGR
GSS
D
T = 25°C Unless otherwise noted
J
2
GS
THERMAL CHARACTERISTICS
Characteristic
Symbol
Units
thja
Thermal Resistance, Junction to Ambient (Note 1)
625
Value
R
°C/W
QQ
12
MARKING CODE: S82


Similar Part No. - BSS8402DWT/R13-R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS8402DW DIODES-BSS8402DW Datasheet
138Kb / 5P
COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30380 Rev. 4 - 2
BSS8402DW DIODES-BSS8402DW Datasheet
570Kb / 5P
COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30380 Rev. 8 - 2
BSS8402DW DIODES-BSS8402DW Datasheet
179Kb / 5P
COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30380 Rev. 12 - 2
logo
Shenzhen Luguang Electr...
BSS8402DW LUGUANG-BSS8402DW Datasheet
882Kb / 6P
Complementary Pair Enhancement Mode Field Effect Transistor
logo
Shenzhen Huazhimei Semi...
BSS8402DW HMSEMI-BSS8402DW Datasheet
315Kb / 6P
Complementary Pair Enhancement Mode Field Effect Transistor
More results

Similar Description - BSS8402DWT/R13-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAG90X95 ETC-MAG90X95 Datasheet
20Kb / 2P
COMPLIMENTARY PAIR DUAL CHANNEL POWER MOSFET
logo
Diodes Incorporated
DMC3036LSD DIODES-DMC3036LSD Datasheet
451Kb / 7P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DS31311 Rev. 4 - 2
DMG1016UDW DIODES-DMG1016UDW Datasheet
212Kb / 8P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DS31860 Rev. 3 - 2
DMG6602SVT DIODES-DMG6602SVT Datasheet
272Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 6
logo
Pan Jit International I...
BSS8402DW PANJIT-BSS8402DW_14 Datasheet
276Kb / 8P
COMPLIMENTARY PAIR ENHANCEMENT MODE MOSFETS
logo
Diodes Incorporated
DMC25D0UVT DIODES-DMC25D0UVT_15 Datasheet
466Kb / 11P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 3
DMC25D1UVT DIODES-DMC25D1UVT_15 Datasheet
649Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 2
DMC3400SDW DIODES-DMC3400SDW_15 Datasheet
421Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
DMC3021LSD DIODES-DMC3021LSD_15 Datasheet
275Kb / 8P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 2
logo
BCD Semiconductor Manuf...
DMC1017UPD BCDSEMI-DMC1017UPD Datasheet
627Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com