Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9618PS Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9618PS
Description  Synchronous-Rectified Buck MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9618PS Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9618PS Datasheet HTML 4Page - Richtek Technology Corporation RT9618PS Datasheet HTML 5Page - Richtek Technology Corporation RT9618PS Datasheet HTML 6Page - Richtek Technology Corporation RT9618PS Datasheet HTML 7Page - Richtek Technology Corporation RT9618PS Datasheet HTML 8Page - Richtek Technology Corporation RT9618PS Datasheet HTML 9Page - Richtek Technology Corporation RT9618PS Datasheet HTML 10Page - Richtek Technology Corporation RT9618PS Datasheet HTML 11Page - Richtek Technology Corporation RT9618PS Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RT9618/A
8
DS9618/A-04 March 2007
www.richtek.com
Application Information
The RT9618/A is designed to drive both high side and low
side N-Channel MOSFET through externally input PWM
control signal. It has power-on protection function which
held UGATE and LGATE low before VCC up across the
rising threshold voltage. After the initialization, the PWM
signal takes the control. The rising PWM signal first forces
the LGATE signal turns low then UGATE signal is allowed
to go high just after a non-overlapping time to avoid shoot-
through current. The falling of PWM signal first forces
UGATE to go low. When UGATE and PHASE signal reach
a predetermined low level, LGATE signal is allowed to turn
high.
The PWM signal is acted as "High" if above the rising
threshold and acted as "Low" if below the falling threshold.
Any signal level enters and remains within the shutdown
window is considered as "tri-state", the output drivers are
disabled and both MOSFET gates are pulled and held
low. If left the PWM signal floating, the pin will be kept
around 2.4V by the internal divider and provide the PWM
controller with a recognizable level. OD pin will also
shutdown the bridge of tied to GND.
The RT9618/A typically operates at frequency of 200kHz
to 500kHz. It shall be noted that to place a 1N4148 or
schottky diode between the VCC and BOOT pin as shown
in the typical application circuit for ligher efficiency.
Non-overlap Control
To prevent the overlap of the gate drives during the UGATE
turn low and the LGATE turn high, the non-overlap circuit
monitors the voltages at the PHASE node and high side
gate drive (UGATE-PHASE). When the PWM input signal
goes low, UGATE begins to turn low (after propagation
delay). Before LGATE can turn high, the non-overlap
protection circuit ensures that the monitored voltages have
gone below 1.2V. Once the monitored voltages fall below
1.2V, LGATE begins to turn high. For short pulse condtion,
if the PHASE pin had not gone high after LGATE turns
low, the LGATE has to wait for 200ns before turn high. By
waiting for the voltages of the PHASE pin and high side
gate drive to fall below 1.2V, the non-overlap protection
circuit ensures that UGATE is low before LGATE turns
high.
In Figure 1, the current Ig1 and Ig2 are required to move the
gate up to 12V. The operation consists of charging Cgd
and Cgs. Cgs1 and Cgs2 are the capacitances from gate to
source of the high side and the low side power MOSFETs,
respectively. In general data sheets, the Cgs is referred as
"Ciss" which is the input capacitance. Cgd1 and Cgd2 are the
capacitances from gate to drain of the high side and
Figure 1. Equivalent Circuit and Associated Waveforms
12V
t
t
V
g2
V
g1
V
PHASE +12V
Also to prevent the overlap of the gate drives during LGATE
turn low and UGATE turn high, the non-overlap circuit
monitors the LGATE voltage. When LGATE go below 1.2V,
UGATE is allowed to go high.
Driving Power MOSFETs
The DC input impedance of the power MOSFET is
extremely high. When Vgs at 12V (or 5V), the gate draws
the current only few nano-amperes. Thus once the gate
has been driven up to "ON" level, the current could be
negligible.
However, the capacitance at the gate to source terminal
should be considered. It requires relatively large currents
to drive the gate up and down 12V (or 5V) rapidly. It also
required to switch drain current on and off with the required
speed. The required gate drive currents are calculated as
follows.
L
s2
Cgs1
Cgd1
Igd1
Igs1
Ig1
V
OUT
s1
V
IN
d1
D1
GND
g1
d2
Cgs2
g2
Ig2 Igd2
Igs2
Cgd2
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com