Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BP3167 Datasheet(PDF) 2 Page - Bright Power Semiconductor Co., Ltd.

Part # BP3167
Description  High Precision PSR Constant Current LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BPS [Bright Power Semiconductor Co., Ltd.]
Direct Link  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.

BP3167 Datasheet(HTML) 2 Page - Bright Power Semiconductor Co., Ltd.

  BP3167 Datasheet HTML 1Page - Bright Power Semiconductor Co., Ltd. BP3167 Datasheet HTML 2Page - Bright Power Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BP3167F
High Precision PSR Constant Current LED Driver
BP3167F_CN_DS_Rev.1.0
www.bpsemi.com
2
Bright Power Semiconductor Co. Confidential – Customer Use Only
Ordering Information
Part Number
Package
Operating
Temperature
Packing Method
Marking
BP3167F
DIP7
-40℃ to 105℃
Tube
50 Piece/Tube
BP3167F
XXXXXYX
FGXXWWX
Pin Configuration and Marking Information
ROVP
GND
HV
NC
CS
DRAIN
DRAIN
Figure 2. Pin configuration
Pin Definition
Pin Number
Name
Description
1
ROVP
Over Voltage Protection Setting Pin. Connect a resistor to GND
2
GND
Ground
3
NC
No connection, must be floated
4
HV
Internal high voltage JEFT
5,6
DRAIN
Internal high voltage MOSFET Drain
7
CS
Current Sense Pin. Connect a sense resistor between this pin and GND.
XXXXXY: Lot code
FGXX: Sign
WW: Week



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com