Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPWI201610B2R2T Datasheet(PDF) 3 Page - Littelfuse

Part # LPWI201610B2R2T
Description  Surface Mount
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LPWI201610B2R2T Datasheet(HTML) 3 Page - Littelfuse

  LPWI201610B2R2T Datasheet HTML 1Page - Littelfuse LPWI201610B2R2T Datasheet HTML 2Page - Littelfuse LPWI201610B2R2T Datasheet HTML 3Page - Littelfuse LPWI201610B2R2T Datasheet HTML 4Page - Littelfuse LPWI201610B2R2T Datasheet HTML 5Page - Littelfuse LPWI201610B2R2T Datasheet HTML 6Page - Littelfuse LPWI201610B2R2T Datasheet HTML 7Page - Littelfuse LPWI201610B2R2T Datasheet HTML 8Page - Littelfuse LPWI201610B2R2T Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Power Inductor Datasheet
© 2023 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 09/13/23
3
LPWI Series
Surface Mount
Electrical Characteristics (Continued)
Part Number
Size (mm)
Size (Inch)
Thickness
(mm)
Inductance@
1MHz [uH]
DC Resistance [mΩ]
Rated DC Current (A)
Typ.
Max.
Isat, ΔL/L=30%
Itemp, ΔT=40°C
Typ.
Max.
Typ.
Max.
LPWI201610TR47T
2016
0806
1.0
0.47 ± 20%
20
25
5.3
4.8
4.2
3.6
LPWI201610TAR47T
2016
0806
1.0
0.47 ± 20%
35
40
4.2
3.5
3.7
3.2
LPWI201610TBR47T
2016
0806
1.0
0.47 ± 20%
21
27
6.0
5.7
5.2
4.8
LPWI201610T1R0T
2016
0806
1.0
1.00 ± 20%
58
65
3.2
2.8
3.0
2.6
LPWI201610TA1R0T
2016
0806
1.0
1.00 ± 20%
40
45
3.9
3.6
3.1
2.7
LPWI201610TB1R0T
2016
0806
1.0
1.00 ± 20%
43
46
4.2
4.0
3.5
3.2
Note: These PNs have top cover
Test Conditions:
■ Inductance measuring equipment : 4287A RF LCR meter. (Agilent) at 1MHz , 0.5V
■ DC Resistance measuring equipment : 4338B Milliohm meter (Agilent)
■ Withstand voltage : Absolute maximum voltage DC 20V
■ Rated Current “ΔL/L=30%” : Based on the inductance change rate (30% below the initial L value)
■ Rated Current “ΔT=40°C” : Based on the temp. increase (40°C by self heating at. room-temperature)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com