Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9711 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9711
Description  80m廓, 1.5A High-Side Power Switches with Flag
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9711 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9711 Datasheet HTML 7Page - Richtek Technology Corporation RT9711 Datasheet HTML 8Page - Richtek Technology Corporation RT9711 Datasheet HTML 9Page - Richtek Technology Corporation RT9711 Datasheet HTML 10Page - Richtek Technology Corporation RT9711 Datasheet HTML 11Page - Richtek Technology Corporation RT9711 Datasheet HTML 12Page - Richtek Technology Corporation RT9711 Datasheet HTML 13Page - Richtek Technology Corporation RT9711 Datasheet HTML 14Page - Richtek Technology Corporation RT9711 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RT9711
Preliminary
13
DS9711-04 March 2007
www.richtek.com
The USB specification defines the maximum resistance
per contact (RCONN) of the USB connector to be 30m
Ω
and the drop across the PCB and switch to be 100mV.
This basically leaves two variables in the equation : the
resistance of the switch and the resistance of the cable.
If the hub consumes the maximum current (II) of 500mA,
the maximum resistance of the cable is 90m
Ω.
The resistance of the switch is defined as follows :
RSWITCH = { 4.75V
− 4.4V − [ 0.5A x ( 4 x 30mΩ + 2 x
90m
Ω) ]
− VPCB } ÷ ( 0.1A x NPORTS )
= (200mV
− VPCB ) ÷ ( 0.1A x NPORTS )
If the voltage drop across the PCB is limited to 100mV,
the maximum resistance for the switch is 250m
Ω for four
ports ganged together. The RT9711, with its maximum
100m
Ω on-resistance over temperature, easily meets this
requirement.
PCB Layout
In order to meet the voltage drop, droop, and EMI
requirements, careful PCB layout is necessary. The
following guidelines must be considered :
Keep all VBUS traces as short as possible and use at
least 50-mil, 2 ounce copper for all VBUS traces.
Avoid vias as much as possible. If vias are necessary,
make them as large as feasible.
Place a ground plane under all circuitry to lower both
resistance and inductance and improve DC and transient
performance (Use a separate ground and power plans if
possible).
Place cuts in the ground plane between ports to help
reduce the coupling of transients between ports.
Locate the output capacitor and ferrite beads as close
to the USB connectors as possible to lower impedance
(mainly inductance) between the port and the capacitor
and improve transient load performance.
Locate the RT9711 as close as possible to the output
port to limit switching noise.
Locate the ceramic bypass capacitors as close as
possible to the VIN pins of the RT9711.
Board Layout
GND
EN
GND_BUS
V
IN
V
OUT
V
BUS
FLG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com