Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9711PB Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9711PB
Description  80m廓, 1.5A High-Side Power Switches with Flag
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9711PB Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9711PB Datasheet HTML 1Page - Richtek Technology Corporation RT9711PB Datasheet HTML 2Page - Richtek Technology Corporation RT9711PB Datasheet HTML 3Page - Richtek Technology Corporation RT9711PB Datasheet HTML 4Page - Richtek Technology Corporation RT9711PB Datasheet HTML 5Page - Richtek Technology Corporation RT9711PB Datasheet HTML 6Page - Richtek Technology Corporation RT9711PB Datasheet HTML 7Page - Richtek Technology Corporation RT9711PB Datasheet HTML 8Page - Richtek Technology Corporation RT9711PB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT9711
Preliminary
2
DS9711-04 March 2007
www.richtek.com
Test Circuits
Function Block Diagram
Functional Pin Description
Typical Application Circuit
Note:
A low-ESR 150
μF aluminum electrolytic or tantalum
between VOUT and GND is strongly recommended to meet
the 330mV maximum droop requirement in the hub VBUS.
(see Application Information Section for further details)
Pin No.
RT9711□B RT9711□S
Pin Name
Pin Function
1
5
FLG
Open-Drain Fault Flag Output
2
1
GND
Ground
3
4
EN
Chip Enable (Active Low)
4
2, 3
VIN
Power Input Voltage
5
6, 7, 8
VOUT
Output Voltage
Gate
Control
Output Voltage
Detection
Delay
Oscillator
UVLO
Charge
Pump
Bias
Thermal
Protection
Current
Limiting
FLG
VOUT
VIN
EN
GND
VIN
EN
FLG
VOUT
GND
RT9711
R
L
C
OUT
I
L
V
OUT
R
FG
C
IN
V
IN
V
FLG
OFF
ON
VIN
EN
FLG
VOUT
GND
RT9711
Over -Current
V
BUS
D+
D-
GND
USB Controller
1uF
150uF
10uF
Supply
Voltage 5V
Pull-Up Resistor (10K to 100K)
Ferrite
Beads
Data
OFF
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com