Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS138 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 54LS138
Description  Low Power Schottky Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54LS138 Datasheet(HTML) 1 Page - Silicon Supplies

  54LS138 Datasheet HTML 1Page - Silicon Supplies 54LS138 Datasheet HTML 2Page - Silicon Supplies 54LS138 Datasheet HTML 3Page - Silicon Supplies 54LS138 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low Power Schottky Logic – 54LS138
Rev 1.0
21/11/17
3-to-8 Line Decoder / Demultiplexer IC in bare die form
 
Die Size (Unsawn)
1660 x 1650
65 x 65
µm
mils
Minimum Bond Pad Size
116 x 116
4.57 x 4.57
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Demultiplexing capability
Multiple Input Enables for parallel expansion
Active Low Mutually Exclusive Outputs
Input Clamp Diodes Limit High Speed Termination
Effects
Full Military Temperature Range.
Direct drop-in replacement for obsolete
components in long term programs.
Features:
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
The 54LS138 3-to-8 Line Decoder / Demultiplexer is
fabricated on a 2µm 40V Bipolar process. The device
decodes 1-of-8 lines, set by x3 binary select inputs &
three enable inputs. Multiple Input Enables allow
parallel expansion to a 24-line decoder using x3
54LS138 devices or a 32 line decoder using x4
54LS138 + inverter. The LS138 can be used as an 8-
output demultiplexer by using one active LOW Enable
input as data input & the other Enable inputs as strobes.
Unused Enable inputs must be permanently tied to their
appropriate active HIGH or active LOW state.
Ordering Information
Description
Die Dimensions in µm (mils)
1660 (65)
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
Page 1 of 4
www.siliconsupplies.com


Similar Part No. - 54LS138

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
54LS138 MOTOROLA-54LS138 Datasheet
185Kb / 5P
1-OF-8 DECODER/ DEMULTIPLEXER
logo
National Semiconductor ...
54LS138 NSC-54LS138 Datasheet
165Kb / 8P
Decoders/Demultiplexers
logo
Texas Instruments
54LS138 TI-54LS138 Datasheet
691Kb / 17P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Silicon Supplies
54LS138 SS-54LS138 Datasheet
350Kb / 4P
Low Power Schottky Logic
logo
National Semiconductor ...
54LS138E NSC-54LS138E Datasheet
165Kb / 8P
Decoders/Demultiplexers
More results

Similar Description - 54LS138

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74LS04 SS-74LS04 Datasheet
435Kb / 4P
Low Power Schottky Logic
74LS86A SS-74LS86A Datasheet
513Kb / 4P
Low Power Schottky Logic
74LS138 SS-74LS138 Datasheet
520Kb / 4P
Low Power Schottky Logic
54LS04 SS-54LS04 Datasheet
331Kb / 4P
Low Power Schottky Logic
54LS86A SS-54LS86A Datasheet
409Kb / 4P
Low Power Schottky Logic
54LS138 SS-54LS138 Datasheet
350Kb / 4P
Low Power Schottky Logic
54HCT00 SS-54HCT00_V01 Datasheet
565Kb / 5P
Low Power Schottky Logic
54LS164 SS-54LS164 Datasheet
442Kb / 5P
Low Power Schottky Logic
74LS164 SS-74LS164 Datasheet
441Kb / 5P
Low Power Schottky Logic
54ALS51 SS-54ALS51 Datasheet
590Kb / 4P
Advanced Low Power Schottky Logic
Rev 1.0 24/11/17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com