Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS86A Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54LS86A
Description  Low Power Schottky Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54LS86A Datasheet(HTML) 2 Page - Silicon Supplies

  54LS86A Datasheet HTML 1Page - Silicon Supplies 54LS86A Datasheet HTML 2Page - Silicon Supplies 54LS86A Datasheet HTML 3Page - Silicon Supplies 54LS86A Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4 
www.siliconsupplies.com
 
d 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Low Power Schottky Logic – 54LS86A
Rev 1.0
21/11/17
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
A1
0.077
0.205
2
B1
0.338
0.079
3
Y1
0.528
0.079
4
A2
0.704
0.079
5
B2
0.894
0.079
6
Y2
1.154
0.129
7
GND
1.154
0.496
8
Y3
1.154
0.863
9
A3
0.894
0.913
10
B3
0.704
0.913
11
Y4
0.528
0.913
12
A4
0.338
0.913
13
B4
0.077
0.787
14
VCC
0.077
0.496
CONNECT CHIP BACK TO GND OR FLOAT
Pad Layout and Functions
Logic Diagram
Pad 14 = VCC
Pad 7 = GND
Truth Table
INPUTS
OUTPUT
A
B
Y
L
L
H
H
L
H
L
H
L
H
H
L
H = High level (steady state)
L = Low level (steady state)
1330µm (52.36 mils)
0,0
Y = A ⊕ B
= AB + AB 
12
13
11
10
9
8
4
3
2
1
DIE ID
7
6
5
14



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com