Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT04 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74ACT04
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT04 Datasheet(HTML) 2 Page - Silicon Supplies

  74ACT04_V01 Datasheet HTML 1Page - Silicon Supplies 74ACT04_V01 Datasheet HTML 2Page - Silicon Supplies 74ACT04_V01 Datasheet HTML 3Page - Silicon Supplies 74ACT04_V01 Datasheet HTML 4Page - Silicon Supplies 74ACT04_V01 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
www.siliconsupplies.com
Advanced CMOS TTL Input – 74ACT04
Rev 1.1
08/03/21
Pad Layout and Functions
Pad 14 = VCC
Pad 7 = GND
Truth Table
INPUTS
A
OUTPUT
Y
H
L
L
H
H = High level (steady state)
L = Low level (steady state)
Logic Diagram
1300µm (51.18 mils)
0,0
Y = Ᾱ
1
14
13
12
11
10
9
8
7
6
5
4
3
2
DIE ID
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
1A
0.410
1.200
2
1Y
0.120
1.040
3
2A
0.120
0.830
4
2Y
0.120
0.540
5
3A
0.120
0.260
6
3Y
0.370
0.080
7
GND
0.600
0.080
8
4Y
0.830
0.080
9
4A
1.080
0.260
10
5Y
1.080
0.540
11
5A
1.080
0.830
12
6Y
1.080
1.040
13
6A
0.790
1.200
14
VCC
0.600
1.200
CONNECT CHIP BACK TO VCC OR FLOAT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com