Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9711BGS Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9711BGS
Description  80m廓, 1.5A/0.6A High-Side Power Switches with Flag
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9711BGS Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9711BGS Datasheet HTML 1Page - Richtek Technology Corporation RT9711BGS Datasheet HTML 2Page - Richtek Technology Corporation RT9711BGS Datasheet HTML 3Page - Richtek Technology Corporation RT9711BGS Datasheet HTML 4Page - Richtek Technology Corporation RT9711BGS Datasheet HTML 5Page - Richtek Technology Corporation RT9711BGS Datasheet HTML 6Page - Richtek Technology Corporation RT9711BGS Datasheet HTML 7Page - Richtek Technology Corporation RT9711BGS Datasheet HTML 8Page - Richtek Technology Corporation RT9711BGS Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RT9801A/B
4
DS9801AB-11 March 2007
www.richtek.com
Table 1: Pin Conditions for Programmable Threshold Voltage Setting
RT9801A
RT9801B
VSET0
VSET1
VSET2
5.0
4.0
H
H
H
4.9
3.9
H
H
F
4.8
3.8
H
H
L
4.7
3.7
H
F
H
4.6
3.6
H
F
F
4.5
3.5
H
F
L
4.4
3.4
H
L
H
4.3
3.3
H
L
F
4.2
3.2
H
L
L
4.1
3.1
F
H
H
4.0
3.0
F
H
F
3.9
2.9
F
H
L
3.8
2.8
F
F
H
3.7
2.7
F
F
F
3.6
2.6
F
F
L
3.5
2.5
F
L
H
3.4
2.4
F
L
F
3.3
2.3
F
L
L
3.2
2.2
L
H
H
3.1
2.1
L
H
F
3.0
2.0
L
H
L
2.9
1.9
L
F
H
2.8
1.8
L
F
F
2.7
1.7
L
F
L
2.6
1.6
L
L
H
2.5
1.5
L
L
F
Note : 1. H : Connected to VDD
2. L : Connected to GND
3. F : Floating



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com