Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI152S Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # DI152S
Description  SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

DI152S Datasheet(HTML) 1 Page - Pan Jit International Inc.

  DI152S Datasheet HTML 1Page - Pan Jit International Inc. DI152S Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
REV.0-MAR.21.2005
• Plastic material used carries Underwriters Laboratory recognition 94V-O
• Low leakage
• Surge overload rating-- 50 amperes peak
• Ideal for printed circuit board
• Exceeds environmental standards of MIL-S-19500/228
• Pb free product are available : 99% Sn can meet Rohs environment
substance directive request
MECHANICALDATA
Case: Reliable low cost construction utilizing molded plastic technique results in
inexpensive product
Terminals: Lead solderable per MIL-STD-202G, Method 208
Polarity: Polarity symbols molded or marking on body
Mounting Position: Any
Weight: 0.02 ounce, 0.38 gram
DI150S~DI1512S
SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.Single phase, half wave, 60Hz, Resistive or inductive load.
For capacitive load, derate current by 20%
NOTES:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
2. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.5 X 0.5"(13 X 13mm) copper pads
DATA SHEET
.045(1.14)
.335(8.51)
.009(0.25)
.205(5.2)
.195(5.0)
.035(0.89)
.316(8.05)
Unit : inch (mm)
SDIP
FEATURES
Recongnized File #E111753
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
0
5
1
I
DS
1
5
1
I
DS
2
5
1
I
DS
4
5
1
I
DS
6
5
1
I
DS
8
5
1
I
DS
0
1
5
1
I
DS
2
1
5
1
I
DS
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
MV RRM
0
50
0
10
0
20
0
40
0
60
0
80
0
0
10
0
2
1V
e
g
a
t
l
o
V
t
u
p
n
I
e
g
d
i
r
B
S
M
R
m
u
m
i
x
a
MV RMS
5
30
70
4
10
8
20
2
40
6
50
0
70
4
8V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
MV DC
0
50
0
10
0
20
0
40
0
60
0
80
0
0
10
0
2
1V
T
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
MA
0
4
=
OCIAV
5
.
1A
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
e
v
a
w
IFSM
0
5A
I2
)
s
m
5
3
.
8
<
t
(
g
n
i
s
u
f
r
o
f
g
n
i
t
a
R
tI2t0
1A 2t
t
n
e
m
e
l
E
e
g
d
i
r
B
r
e
p
p
o
r
D
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
A
0
.
1
t
a
V F
1
.
1V
T
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
J
5
2
=
OC
T
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
J
5
2
1
=
OC
IR
0
.
5
0
0
5
µA
)
1
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
J
l
a
c
i
p
y
T
C J
5
2F
p
)
2
e
t
o
N
(
(
g
e
l
r
e
p
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
T
R
θ A
J
R
θ L
J
0
4
5
1
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
g
n
i
t
a
r
e
p
O
TJ
5
2
1
+
o
t
0
5
-
OC
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
TA
0
5
1
+
o
t
0
5
-
OC
VOLTAGE
50 to 1000 Volts
1.5 Amperes
CURRENT


Similar Part No. - DI152S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
DI152S PANJIT-DI152S Datasheet
93Kb / 3P
SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Compact Technology Corp...
DI152S CTC-DI152S Datasheet
229Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
DI152S ZSELEC-DI152S Datasheet
117Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - DI152S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
DI150S PANJIT-DI150S_15 Datasheet
112Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
E91201A GOOD-ARK-E91201A Datasheet
357Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91205A GOOD-ARK-E91205A Datasheet
375Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91207R GOOD-ARK-E91207R Datasheet
372Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91209A GOOD-ARK-E91209A Datasheet
371Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91256AU GOOD-ARK-E91256AU Datasheet
376Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91307A GOOD-ARK-E91307A Datasheet
377Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92205A GOOD-ARK-E92205A Datasheet
251Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92207A GOOD-ARK-E92207A Datasheet
239Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92305A GOOD-ARK-E92305A Datasheet
241Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com