Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95128-MB6TP/P Datasheet(PDF) 10 Page - STMicroelectronics

Part # M95128-MB6TP/P
Description  128 Kbit serial SPI bus EEPROM with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-MB6TP/P Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M95128-MB6TP/P Datasheet HTML 6Page - STMicroelectronics M95128-MB6TP/P Datasheet HTML 7Page - STMicroelectronics M95128-MB6TP/P Datasheet HTML 8Page - STMicroelectronics M95128-MB6TP/P Datasheet HTML 9Page - STMicroelectronics M95128-MB6TP/P Datasheet HTML 10Page - STMicroelectronics M95128-MB6TP/P Datasheet HTML 11Page - STMicroelectronics M95128-MB6TP/P Datasheet HTML 12Page - STMicroelectronics M95128-MB6TP/P Datasheet HTML 13Page - STMicroelectronics M95128-MB6TP/P Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Signal description
M95128, M95128-W, M95128-R
10/44
3.6
Write Protect (W)
The main purpose of this input signal is to freeze the size of the area of memory that is
protected against Write instructions (as specified by the values in the BP1 and BP0 bits of
the Status Register).
This pin must be driven either High or Low, and must be stable during all write instructions.
3.7
Supply voltage (VCC)
3.7.1
Operating supply voltage VCC
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage
within the specified [VCC(min), VCC(max)] range must be applied (see Table 7, Table 8 and
Table 9). In order to secure a stable DC supply voltage, it is recommended to decouple the
VCC line with a suitable capacitor (usually of the order of 10 nF to 100 nF) close to the
VCC/VSS package pins.
This voltage must remain stable and valid until the end of the transmission of the instruction
and, for a Write instruction, until the completion of the internal write cycle (tW).
3.7.2
Power-up conditions
When the power supply is turned on, VCC continuously rises from VSS to VCC. During this
time, the Chip Select (S) line is not allowed to float but should follow the VCC voltage, it is
therefore recommended to connect the S line to VCC via a suitable pull-up resistor.
In addition, the Chip Select (S) input offers a built-in safety feature, as it is edge-sensitive as
well as level-sensitive: after power-up, the device does not become selected until a falling
edge has first been detected on Chip Select (S). This ensures that Chip Select (S) must
have been high, prior to going low to start the first operation.
The VCC rise time must not vary faster than 1 V/µs.
3.7.3
Device reset
In order to prevent inadvertent Write operations during power-up (continuous rise of VCC), a
power on reset (POR) circuit is included. At power-up, the device does not respond to any
instruction until the VCC has reached the power on reset threshold voltage (this threshold is
lower than the minimum VCC operating voltage defined in Table 7, Table 8 and Table 9).
When VCC passes over the POR threshold, the device is reset and is in the following state:
●
Standby Power mode
●
deselected (at next power-up, a falling edge is required on Chip Select (S) before any
instruction can be started).
●
not in the Hold Condition
●
Status register:
–
the Write Enable Latch (WEL) is reset to 0
–
the Write In Progress (WIP) is reset to 0
–
The SRWD, BP1 and BP0 bits of the Status Register are unchanged from the
previous power-down (they are non-volatile bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com