Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC7101C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CSC7101C
Description  High efficiency and low standby power consumption primary-side feedback AC/DC drive circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSC7101C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CSC7101C Datasheet HTML 1Page - List of Unclassifed Manufacturers CSC7101C Datasheet HTML 2Page - List of Unclassifed Manufacturers CSC7101C Datasheet HTML 3Page - List of Unclassifed Manufacturers CSC7101C Datasheet HTML 4Page - List of Unclassifed Manufacturers CSC7101C Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CSC7101
第 3 页
电气参数(无特别说明情况下,T
A
=25℃)
符号
参数
测试条件
最小值
典型值
最大值
单位
Vcc 电压部分
VCC_ON
启动电压
—
7.5
8.4
8.8
V
VCC_OFF
关闭电压
—
3.0
4.0
4.5
V
ISTAR
启动电流
静态电流
—
0.2
1.0
μA
ICC
工作电流
—
—
400
500
μA
VCC_MAX
最大工作电压
—
—
—
8.8
V
电流检测部分
ICS
CS 引脚的最大电流
—
3.4
4.0
5.0
μA
VCS
电流检测阈值电压
510
mV
TLEB
前沿消隐
IC =1mA
450
nS
反馈输入部分
VREF_FB
FB 参考电压
2.92
2.96
3.00
V
RFB
FB 输入电阻
1.2
1.5
1.8
MΩ
VFB_MAX
反馈阈值电压
5
V
功率 BJT 部分
VCEO
集电极-发射极饱和
电压
IO =1mA
0.3
V
VCBO
集电极-基极电压
810
V
过温保护
TSHDN
过温点温度
135
140
145
℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com