Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069884 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1069884
Description  EH 67,5-B/ABS-PC GY7035 - Mounting base housing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1069884 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1069884 Datasheet HTML 1Page - PHOENIX CONTACT 1069884 Datasheet HTML 2Page - PHOENIX CONTACT 1069884 Datasheet HTML 3Page - PHOENIX CONTACT 1069884 Datasheet HTML 4Page - PHOENIX CONTACT 1069884 Datasheet HTML 5Page - PHOENIX CONTACT 1069884 Datasheet HTML 6Page - PHOENIX CONTACT 1069884 Datasheet HTML 7Page - PHOENIX CONTACT 1069884 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
DIN rail housing, Lower housing part with base latch, tall design, with vents, width: 67.6 mm,
height: 75 mm, depth: 87.3 mm, color: light gray (similar RAL 7035), cross connection: without
bus connector, number of positions cross connector: not relevant
Your advantages
DIN rail or panel mounting for application-specific device attachment
•
Easy design-in, thanks to variable housing form factor
•
Complete flexibility, thanks to PCBs with horizontal, frontal, and orthogonal orientation to the front of the device
•
Three cover versions for individual PCB connections
•
Integration of a wide variety of PCB connection technologies for a functional device design
•
Commercial data
Item number
1069884
Packing unit
10 pc
Minimum order quantity
1 pc
Product key
ACHCHA
GTIN
4055626747811
Weight per piece (including packing)
77.3 g
Weight per piece (excluding packing)
64.6 g
Country of origin
IN
EH 67,5-B/ABS-PC GY7035 - Mounting base housing
1069884
https://www.phoenixcontact.com/us/products/1069884
Feb 13, 2025, 12:37 AM
Page 1 (8)


Similar Part No. - 1069884

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1069883 PHOENIX-1069883 Datasheet
290Kb / 7P
EH 45-C CS/ABS-PC BK9005 - Upper housing part
1069885 PHOENIX-1069885 Datasheet
318Kb / 8P
EH 67,5-B/ABS-PC BK9005 - Mounting base housing
1069887 PHOENIX-1069887 Datasheet
289Kb / 7P
EH 67,5-C SS/ABS-PC GY7035 - Upper housing part
1069888 PHOENIX-1069888 Datasheet
289Kb / 7P
EH 67,5-C DS/ABS-PC GY7035 - Upper housing part
1069889 PHOENIX-1069889 Datasheet
288Kb / 7P
EH 67,5-C CS/ABS-PC GY7035 - Upper housing part
More results

Similar Description - 1069884

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
BX0036 BULGIN-BX0036 Datasheet
97Kb / 1P
BATTERY HOLDERS PC/Base Mounting
BX0123 BULGIN-BX0123 Datasheet
92Kb / 1P
BATTERY HOLDERS PC/Base Mounting
FX0321 BULGIN-FX0321 Datasheet
86Kb / 1P
PC and Base Mounting, PC1
logo
PHOENIX CONTACT
2201960 PHOENIX-2201960 Datasheet
67Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 9/9U TBUS 7035
2201961 PHOENIX-2201961 Datasheet
66Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 7/9U TBUS 7035
2201962 PHOENIX-2201962 Datasheet
66Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 5/9U TBUS 7035
2202330 PHOENIX-2202330 Datasheet
62Kb / 2P
Printed-circuit board connector - MCO-EH 1,5/5 G1L-3,5 GY7035
2201448 PHOENIX-2201448 Datasheet
89Kb / 5P
Upper part of housing - EH 45 F-C SS/ABS BK9005
09/12/2020
2201742 PHOENIX-2201742 Datasheet
107Kb / 7P
Mounting base housing - EH 70-B/ABS GY7035
09/12/2020
2200544 PHOENIX-2200544 Datasheet
222Kb / 11P
Mounting base housing - ME 67,5 UT TBUS KMGY
11/25/2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com