Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2201248 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2201248
Description  EH 22,5-B/ABS GY7035 - Mounting base housing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201248 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2201248 Datasheet HTML 1Page - PHOENIX CONTACT 2201248 Datasheet HTML 2Page - PHOENIX CONTACT 2201248 Datasheet HTML 3Page - PHOENIX CONTACT 2201248 Datasheet HTML 4Page - PHOENIX CONTACT 2201248 Datasheet HTML 5Page - PHOENIX CONTACT 2201248 Datasheet HTML 6Page - PHOENIX CONTACT 2201248 Datasheet HTML 7Page - PHOENIX CONTACT 2201248 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
DIN rail housing, Lower housing part with base latch, tall design, with vents, width: 22.6 mm,
height: 75 mm, depth: 87.3 mm, color: light gray (similar RAL 7035), cross connection: without
bus connector, number of positions cross connector: not relevant
Your advantages
DIN rail or panel mounting for application-specific device attachment
•
Easy design-in, thanks to variable housing form factor
•
Complete flexibility, thanks to PCBs with horizontal, frontal, and orthogonal orientation to the front of the device
•
Three cover versions for individual PCB connections
•
Integration of a wide variety of PCB connection technologies for a functional device design
•
Commercial data
Item number
2201248
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
AC12
Product key
ACHCHA
GTIN
4046356749916
Weight per piece (including packing)
37.34 g
Weight per piece (excluding packing)
37.34 g
Customs tariff number
84879090
Country of origin
IN
EH 22,5-B/ABS GY7035 - Mounting base housing
2201248
https://www.phoenixcontact.com/us/products/2201248
Feb 13, 2025, 12:35 AM
Page 1 (8)


Similar Part No. - 2201248

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201249 PHOENIX-2201249 Datasheet
315Kb / 8P
EH 22,5-B/ABS BK9005 - Mounting base housing
More results

Similar Description - 2201248

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201961 PHOENIX-2201961 Datasheet
66Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 7/9U TBUS 7035
2202330 PHOENIX-2202330 Datasheet
62Kb / 2P
Printed-circuit board connector - MCO-EH 1,5/5 G1L-3,5 GY7035
2201448 PHOENIX-2201448 Datasheet
89Kb / 5P
Upper part of housing - EH 45 F-C SS/ABS BK9005
09/12/2020
2201742 PHOENIX-2201742 Datasheet
107Kb / 7P
Mounting base housing - EH 70-B/ABS GY7035
09/12/2020
2854157 PHOENIX-2854157 Datasheet
121Kb / 9P
Mounting base housing - ME 22,5 F-UTG/FE GN
09/12/2020
2869524 PHOENIX-2869524 Datasheet
128Kb / 10P
Mounting base housing - ME 22,5 UT TBUS KMGY
09/12/2020
2890166 PHOENIX-2890166 Datasheet
51Kb / 2P
Electronic housing - ME MAX B-22,5 KMGY S75
11/05/2018
2890904 PHOENIX-2890904 Datasheet
53Kb / 2P
Electronic housing - EG 22,5-G/ABS BK S85
11/05/2018
2914835 PHOENIX-2914835 Datasheet
123Kb / 10P
Mounting base housing - ME 22,5 F-UT TBUS KMGY
09/12/2020
2914987 PHOENIX-2914987 Datasheet
264Kb / 9P
Mounting base housing - ME 22,5 UT/FE BU
11/25/2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com