Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95128-RMN6TG/P Datasheet(PDF) 18 Page - STMicroelectronics

Part # M95128-RMN6TG/P
Description  128 Kbit serial SPI bus EEPROM with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-RMN6TG/P Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M95128-RMN6TG/P Datasheet HTML 14Page - STMicroelectronics M95128-RMN6TG/P Datasheet HTML 15Page - STMicroelectronics M95128-RMN6TG/P Datasheet HTML 16Page - STMicroelectronics M95128-RMN6TG/P Datasheet HTML 17Page - STMicroelectronics M95128-RMN6TG/P Datasheet HTML 18Page - STMicroelectronics M95128-RMN6TG/P Datasheet HTML 19Page - STMicroelectronics M95128-RMN6TG/P Datasheet HTML 20Page - STMicroelectronics M95128-RMN6TG/P Datasheet HTML 21Page - STMicroelectronics M95128-RMN6TG/P Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Instructions
M95128, M95128-W, M95128-R
18/44
5.4
Write Status Register (WRSR)
The Write Status Register (WRSR) instruction allows new values to be written to the Status
Register. Before it can be accepted, a Write Enable (WREN) instruction must have been
previously executed. After the Write Enable (WREN) instruction has been decoded and
executed, the Status Register is updated with the Write Enable Latch bit (WEL) set to 1.
The Write Status Register (WRSR) instruction is entered by driving Chip Select (S) low,
followed by the instruction code and the data byte on Serial Data Input (D). The instruction is
terminated by driving Chip Select (S) High at a byte boundary of the input data, this event
triggers the self timed Write cycle, and continues for a period tW (as specified in Table 16,
Table 17, Table 18 and Table 19), at the end of which the Write in Progress (WIP) bit is reset
to 0. The instruction sequence is shown in Figure 8.
The Write Status Register (WRSR) instruction has no effect on b6, b5, b4, b1 and b0 of the
Status Register. b6, b5 and b4 are always read as 0.
Chip Select (S) must be driven high after the rising edge of Serial Clock (C) that latches in
the eighth bit of the data byte, and before the next rising edge of Serial Clock (C). Otherwise,
the Write Status Register (WRSR) instruction is not executed.
While the Write Status Register cycle is in progress, the Status Register may still be read to
check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1
during the self-timed Write Status Register cycle tW, and is 0 when it is completed. When the
cycle is completed, the Write Enable Latch (WEL) is reset.
The Write Status Register (WRSR) instruction allows the user to change the values of the
Block Protect (BP1, BP0) bits, to define the size of the area that is to be treated as read only,
as defined in Table 4.
The Write Status Register (WRSR) instruction also allows the user to set or reset the Status
Register Write Disable (SRWD) bit in accordance with the Write Protect (W) signal. The
Status Register Write Disable (SRWD) bit and the Write Protect (W) signal are used to set
the device in the Hardware-protected mode (HPM, see Table 5), mode in which the Write
Status Register (WRSR) instruction is not executed.
The contents of the SRWD and BP1, BP0 bits are updated after the completion of the Write
Status Register (WRSR) instruction, including the tW Write cycle..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com