Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7294 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7294
Description  100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7294 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7294_07 Datasheet HTML 9Page - STMicroelectronics TDA7294_07 Datasheet HTML 10Page - STMicroelectronics TDA7294_07 Datasheet HTML 11Page - STMicroelectronics TDA7294_07 Datasheet HTML 12Page - STMicroelectronics TDA7294_07 Datasheet HTML 13Page - STMicroelectronics TDA7294_07 Datasheet HTML 14Page - STMicroelectronics TDA7294_07 Datasheet HTML 15Page - STMicroelectronics TDA7294_07 Datasheet HTML 16Page - STMicroelectronics TDA7294_07 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
BRIDGE APPLICATION
Another application suggestion is the BRIDGE
configuration, where two TDA7294 are used, as
shown by the schematic diagram of figure 25.
In this application, the value of the load must not
be lower than 8 Ohm for dissipation and current
capability reasons.
A suitable field of application includes HI-FI/TV
subwoofers realizations.
The main advantages offered by this solution are:
- High power performances with limited supply
voltage level.
- Considerably high output power even with high
load values (i.e. 16 Ohm).
The characteristics shown by figures 27 and 28,
measured with loads respectively 8 Ohm and 16
Ohm.
With Rl= 8 Ohm, Vs =
±25V the maximum output
power obtainable is 150 W, while with Rl=16
Ohm, Vs =
±35V the maximum Pout is 170 W.
22K
0.56
µF
2200
µF
0.22
µF
TDA7294
+
-
22
µF
22K
680
22K
3
1
4
13
7
+Vs
Vi
8
15
2
14
6
10
9
+
-
3
0.56
µF
22K
1
4
2
14
6
22
µF
22K
680
10
9
22
µF
15
8
-Vs
2200
µF
0.22
µF
22
µF
20K
10K
30K
1N4148
ST-BY/MUTE
TDA7294
13
7
D93AU015A
Figure 25: Bridge Application Circuit
TDA7294
13/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com