Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSC Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # LSC
Description  Low Power Surface Mount Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

LSC Datasheet(HTML) 2 Page - STATEK CORPORATION

  LSC Datasheet HTML 1Page - STATEK CORPORATION LSC Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
YS
TEM
CERTIFIC
AT
01
SPECIFICATIONS: LSC 32.768 kHz
Specifications are typical at 25
OC unless otherwise noted.
Specifications are subject to change without notice.
Supply Voltage
1
5V
10% (3.3V available)
Calibration Tolerance
100 ppm (0.01%)
Frequency Stability
2
0
OC to +50OC
25 ppm
Typ.
(0.0025%)
40 ppm
MAX. (0.004%)
-10
OC to+70OC
70 ppm
Typ.
(0.007%)
100 ppm MAX. (0.01%)
Voltage Coefficient
1 ppm/V Typ.
3 ppm/V MAX.
Aging
1 ppm/year Typ.
3 ppm/year MAX.
Shock, survival
1000 g peak, 1 ms,1/2 sine
3 ppm MAX.
Vibration, survival
10 g RMS, 10 - 2000 Hz
3 ppm MAX.
Frequency Change vs
10%Output Load Change
1 ppm MAX.
Operating Temperature
-10
OC to +70OC (Commercial)
1. Contact the factory for lower voltage.
2. Does not include calibration tolerance. Positive variations small compared
to negative variations (See data sheet 10103).
TYPICAL CURRENT CONSUMPTION, LSC 32.768 kHz
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
10153 - Rev C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage VDD
-0.3V to 7V
Storage Temperature
-55
OC to +125OC
Process Temperature
260
OC 20 sec.
ELECTRICAL CHARACTERISTICS
LSC 32.768 kHz
All parameters are measured at ambient temperature
with a 10M
Ω and 10pF load at 5V.
SYMBOL PARAMETER
MIN.
TYP.
MAX. UNIT
V
Output Voltage Hi
4.8
4.95
V
V
Output Voltage Lo
0.05
0.2
V
tr
Rise Time (10%-90%)
27
50
nsec.
tf
Fall Time (10%-90%)
29
50
nsec.
SYM
Duty Cycle
40
50
60
%
Supply Current
V
DD =5V
6.5
12
µA
V
DD =3.3V
5
10
µA
PIN CONNECTIONS
Pin
Connection
1
Output Enable or NC
2Ground
3
Output
4VDD
PACKAGING OPTIONS
LSC
-Tray Pack
-16mm tape, 7” or 13” reels
(Reference tape and reel data sheet 10109)
OUTPUT WAVE FORM
OH
OL
VDD
VOH
tr
tf
0
VOL
90%*
10%*
* Of
VDD
I
DD
23
4
5
6
5
6
VDD (Volts)
7
8
7
3
HOW TO ORDER LSC SURFACE MOUNT CRYSTAL OSCILLATORS
LSC
3
S
T
SM3
32.768K
,
100
/
C
Frequency
K = kHz
3=3.3V
operation.
Blank=5V
operation (Std.)
“S” if special or
custom design.
Blank if Std.
Blank = SM1
= Gold Plated
(Lead Free)
SM3 = Solder Dipped
SM5 = Solder Dipped
(Lead Free)
Calibration
Tolerance
@ 25
OC
(in PPM)
Temp. Range:
C= -10
OC to +70OC
T = Tri-State
Blank = Pin 1
no connection
Pb



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com