Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXO Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # LXO
Description  Low Power Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

LXO Datasheet(HTML) 2 Page - STATEK CORPORATION

  LXO Datasheet HTML 1Page - STATEK CORPORATION LXO Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HOW TO ORDER LXO CRYSTAL OSCILLATORS
LXO
S
32.768K
,
10
/
I
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
YS
TEM
CERTIFIC
AT
01
10110 - Rev D
SPECIFICATIONS: LXO 32.768 kHz
Specifications are typical at 25
OC unless otherwise noted.
Specifications are subject to change without notice.
Supply Voltage (VDD)
5V
10% (standard)
(2.5V to 15V available)
Calibration Tolerance
1
10 ppm (0.001%)
(at 5V)
25 ppm (0.0025%)
100 ppm (0.01%)
Frequency Stability
2
0
OC to +50OC
25 ppm
Typ.
(0.0025%)
40 ppm
MAX. (0.004%)
-20
OC to+70OC
70 ppm
Typ.
(0.007%)
100 ppm MAX. (0.01%)
Voltage Coefficient
1 ppm/V Typ.
3 ppm/V MAX.
Current Consumption
See below
Aging
1 ppm/year Typ.
3 ppm/year MAX.
Shock, survival
1000 g peak, 1ms,1/2 sine
3 ppm MAX.
Vibration, survival
10 g RMS, 10-2000 Hz
3 ppm MAX.
Frequency Change vs.10% Output Load Change
1 ppm MAX.
Operating Temperature
-10
OC to +70OC (Commercial)
-40
OC to +85OC (Industrial)
-55
OC to +125OC (Military)
1. Tighter tolerances available
2. Does not include calibration tolerance.
(Positive variations small compared to negative variations.)
TYPICAL CURRENT CONSUMPTION, LXO-32.768 kHz
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
ABSOLUTE MAXIMUM RATINGS
Supply Voltage VDD
-0.3V to 7V
Storage Temperature
-55
OC to +125OC
ELECTRICAL CHARACTERISTICS
LXO-32.768 kHz
All parameters are measured at ambient temperature
with a 10M
Ω and 10pF load at 5V.
SYMBOL PARAMETER
MIN.
TYP.
MAX. UNIT
V
Output Voltage Hi
4.8
4.95
V
V
Output Voltage Lo
0.05
0.2
V
*tr
Rise Time
0.16
1
µsec.
*tf
Fall Time
0.46
1
µsec.
I
DD
Supply Current
45
60
µA
Duty Cycle
40
50
60
%
* Models with faster rise and fall time available, contact factory.
PIN CONNECTIONS
Pin
Connection
1NC
7Ground
8
Output
14
VDD
PACKAGING
LXO
-Tube Pack
OUTPUT WAVE FORM
OH
OL
VDD
VOH
tr
tf
0
VOL
90%*
10%*
* Of
VDD
80
60
40
20
3
100
10
V
(VOLTS)
DD
45
6
7
2
Frequency
K = kHz
M = MHz
“S” if special
or custom
design.
Blank if Std.
Calibration
Tolerance
@ 25
OC
(in ppm)
Operating Temp. Range:
C= -10
OC to +70OC
I = -40OC to +85OC
M= -55
OC to +125OC
S= Customer Specified
*Other calibrations available:
indicate your requirement in ppm.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com