Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR3373K Datasheet(PDF) 13 Page - STANLEY ELECTRIC CO.,LTD.

Part # MPR3373K
Description  Single Color Semi-Round Shape Type
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

MPR3373K Datasheet(HTML) 13 Page - STANLEY ELECTRIC CO.,LTD.

Back Button MPR3373K Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. MPR3373K Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. MPR3373K Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. MPR3373K Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. MPR3373K Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. MPR3373K Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. MPR3373K Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. MPR3373K Datasheet HTML 16Page - STANLEY ELECTRIC CO.,LTD. MPR3373K Datasheet HTML 17Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Page 13
2004.10.28
Single Color Semi-Round Shape Type
3373K Series
Ambient Temperature vs. Relative Intensity
Condition : I
F=20mA
Ambient Temperature : Ta(℃)
Derating
Ambient Temperature vs. Maximum Forward Current
Repetition Frequency : f ≧ 50Hz
Ambient Temperature : Ta(℃)
Technical Data(MPY)
Ambient Temperature vs. Forward Voltage
Ambient Temperature : Ta(℃)
Power Dissipation vs. Ambient Temperature
Ambient Temperature : Ta(℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com