Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70GL02GP Datasheet(PDF) 13 Page - SPANSION

Part # S70GL02GP
Description  2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S70GL02GP Datasheet(HTML) 13 Page - SPANSION

Back Button S70GL02GP Datasheet HTML 6Page - SPANSION S70GL02GP Datasheet HTML 7Page - SPANSION S70GL02GP Datasheet HTML 8Page - SPANSION S70GL02GP Datasheet HTML 9Page - SPANSION S70GL02GP Datasheet HTML 10Page - SPANSION S70GL02GP Datasheet HTML 11Page - SPANSION S70GL02GP Datasheet HTML 12Page - SPANSION S70GL02GP Datasheet HTML 13Page - SPANSION S70GL02GP Datasheet HTML 14Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
December 4, 2006 S70GL-P_00_01
S70GL-P MirrorBit
TM Flash Family
11
Da ta
Sh e e t
(Adv a n ce
In f o r m ation)
Table 7.4 Primary Vendor-Specific Extended Query
Addresses (x16)
Addresses (x8)
Data
Description
40h
41h
42h
80h
82h
84h
0050h
0052h
0049h
Query-unique ASCII string “PRI”
43h
86h
0031h
Major version number, ASCII
44h
88h
0033h
Minor version number, ASCII
45h
8Ah
0014h
Address Sensitive Unlock (Bits 1-0)
0 = Required, 1 = Not Required
Process Technology (Bits 7-2) 0101b = 90 nm MirrorBit
46h
8Ch
0002h
Erase Suspend
0 = Not Supported, 1 = To Read Only, 2 = To Read & Write
47h
8Eh
0001h
Sector Protect
0 = Not Supported, X = Number of sectors in per group
48h
90h
0000h
Sector Temporary Unprotect
00 = Not Supported, 01 = Supported
49h
92h
0008h
Sector Protect/Unprotect scheme
0008h = Advanced Sector Protection
4Ah
94h
0000h
Simultaneous Operation
00 = Not Supported, X = Number of Sectors
4Bh
96h
0000h
Burst Mode Type
00 = Not Supported, 01 = Supported
4Ch
98h
0002h
Page Mode Type
00 = Not Supported, 01 = 4 Word Page, 02 = 8 Word Page
4Dh
9Ah
00B5h
ACC (Acceleration) Supply Minimum
00h = Not Supported, D7-D4: Volt, D3-D0: 100 mV
4Eh
9Ch
00C5h
ACC (Acceleration) Supply Maximum
00h = Not Supported, D7-D4: Volt, D3-D0: 100 mV
4Fh
9Eh
00xxh
WP# Protection
04h = Uniform sectors bottom WP# protect, 05h = Uniform sectors top WP#
protect
50h
A0h
0001h
Program Suspend
00h = Not Supported, 01h = Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com