Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71GL032N40 Datasheet(PDF) 8 Page - SPANSION

Part # S71GL032N40
Description  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GL032N40 Datasheet(HTML) 8 Page - SPANSION

Back Button S71GL032N40 Datasheet HTML 3Page - SPANSION S71GL032N40 Datasheet HTML 4Page - SPANSION S71GL032N40 Datasheet HTML 5Page - SPANSION S71GL032N40 Datasheet HTML 6Page - SPANSION S71GL032N40 Datasheet HTML 7Page - SPANSION S71GL032N40 Datasheet HTML 8Page - SPANSION S71GL032N40 Datasheet HTML 9Page - SPANSION S71GL032N40 Datasheet HTML 10Page - SPANSION S71GL032N40 Datasheet HTML 11Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
S71GL-N Based MCPs
S71GL-N_00_02 June 19, 2007
Data
Sheet
(Adv an ce
Inf o r m a t io n)
5.
Ordering Information
The order number is formed by a valid combinations of the following:
Note
1. Type 0 is standard. Specify other options as required.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult your local
sales office to confirm availability of specific valid combinations and to check on newly released
combinations.
S71GL
064
N
A0
BF
W
0
Z
0
PACKING TYPE
0= Tray
2
= 7” Tape and Reel
3
= 13” Tape and Reel
MODEL NUMBER
See the Valid Combinations table.
PACKAGE MODIFIER
0
= 7 x 9 mm, 1.2 mm height, 56 balls (TLC056)
TEMPERATURE RANGE
W = Wireless (-25
°C to +85°C)
PACKAGE TYPE
BF = Fine-pitch BGA Lead (Pb)-free package
pSRAM / SRAM DENSITY
B0 = 32 Mb pSRAM
A0 = 16 Mb pSRAM
40 = 4 Mb pSRAM
80 = 8 Mb pSRAM
PROCESS TECHNOLOGY
N
= 110 nm, MirrorBit Technology
FLASH DENSITY
064
= 64Mb
032
= 32Mb
PRODUCT FAMILY
S71GL Multi-chip Product (MCP)
3.0-volt Page Mode Flash Memory and RAM
Table 5.1 Valid Combinations
S71GL064N Valid Combinations
Speed Options (ns)/Boot
Sector Option
(p)SRAM Type/
Access Time
(ns)
Package
Marking
Base Ordering
Part Number
Package &
Temperature
Package Modifier/Model
Number
Packing Type
S71GL032N40
BFW
0K
0, 2, 3 (1)
90 / Bottom Boot Sector
pSRAM9 / 70
TLC056
0P
90 / Top Boot Sector
S71GL032N80
0K
90 / Bottom Boot Sector
pSRAM9 / 70
0P
90 / Top Boot Sector
S71GL032NA0
0U
90 / Bottom Boot Sector
pSRAM7 / 70
0Z
90 / Top Boot Sector
S71GL064NA0
0U
90 / Bottom Boot Sector
pSRAM7 / 70
S71GL064NA0
0Z
90 / Top Boot Sector
S71GL064NB0
0U
90 / Bottom Boot Sector
pSRAM8 / 70
S71GL064NB0
0Z
90 / Top Boot Sector



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com