Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC976C Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC976C
Description  10-BIT, 20 MSPS, AREA CCD SIGNAL PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC976C Datasheet(HTML) 3 Page - Texas Instruments

  TLC976C Datasheet HTML 1Page - Texas Instruments TLC976C Datasheet HTML 2Page - Texas Instruments TLC976C Datasheet HTML 3Page - Texas Instruments TLC976C Datasheet HTML 4Page - Texas Instruments TLC976C Datasheet HTML 5Page - Texas Instruments TLC976C Datasheet HTML 6Page - Texas Instruments TLC976C Datasheet HTML 7Page - Texas Instruments TLC976C Datasheet HTML 8Page - Texas Instruments TLC976C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TLC976C
10-BIT, 20 MSPS, AREA CCD SIGNAL PROCESSOR
SLAS193 – OCTOBER 1998
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AD-STBY
31
I
ADC standby mode
L level in operation
H level in standby mode
AGCCLP
49
I
AGC clamp capacitor (connect 0.1
µF to GND)
AGCGAIN
51
I
AGC gain control
A-SUB
11, 45
Analog GND
AVDD
28, 32, 33
ADC analog power supply
AVSS
34, 39, 42,
43
Analog GND for ADC
BLK-PULSE
3
I
DRIVE-OUT terminal is clamped to 1.66 V internally when BLK-PULSE = L.
CDS-STBY
8
I
CDS/AGC standby mode control
L level in operation
H level in standby mode
CLK
29
I
CLK input for ADC
CLP2
54
I
CCD signal clamp control input
D0–D9
14–18,
21–25
O
Digital data output, D0 (pin 14): LSB, D9 (pin 25): MSB
DATA-IN
53
I
CCD signal input
DRIVE-OUT
6
O
CDS/AGC output
D-SUB
12, 40
Analog GND
DVDD
20, 44
ADC digital power supply
DVSS
13, 19, 27
Digital GND for ADC
GND1
2
I
CDS/AGC analog GND
GND2
47
CDS/AGC analog GND
GND3
7
GND for CDS output circuit
OBCLP
50
I
Control input for clamping optical black level after AGC
OE
30
I
ADC output enable
L level in operation
H level in Hi-Z
OFFSET
4
I
CDS/AGC output offset control:
DC voltage at OFFSET pin
DRIVE-OUT offset
0 V
– 450 mV
0.5 V
– 280 mV
3 V
550 mV
PIN
52
I
CCD signal input
RESET
26
I
Reset for calibration circuit. Restart of startup calibration.
SHV
1
I
CCD signal level sample clock input
SH-PULSE
48
I
Sample and hold pulse input
SHR
56
I
CCD reset level sample clock input
VCC1
55
CDS/AGC analog power supply
VCC2
46
CDS/AGC analog power supply
VCC3
5
CDS/AGC analog power supply
VIN
41
I
ADC analog signal input
VRB-OUT
9
O
ADC bottom reference voltage output (1.5 V typ)
VRB-IN
37, 38
I
Connect to VRB-OUT
VRT-OUT
10
O
ADC top reference voltage output (3.5 V typ)
VRT-IN
35, 36
I
Connect to VRT-OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com