Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBJ2001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # KBJ2001
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

KBJ2001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  KBJ2001 Datasheet HTML 1Page - Pan Jit International Inc. KBJ2001 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-JAN.28.2005
0.1
1.0
10
100
0.2
0.0
0.6
1.0
1.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Fwd Characteristics, per element
F
T = 25 C
j
°
Pulse width = 300 s
µ
1.4
0
50
150
250
350
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Surge Current
T= 25 C
j
°
Single half-sine-wave
(JEDEC method)
0
0
10
20
30
25
50
75
100
125
150
T , TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
°
15
25
5
100
1000
10
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
f = 1.0MHz
T= 25 C
j
°
Resistive or
Inductive load



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com