Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2P1M Datasheet(PDF) 1 Page - DFI Inc

Part # 2P1M
Description  Riser Card
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

2P1M Datasheet(HTML) 1 Page - DFI Inc

  2P1M Datasheet HTML 1Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. Refer to the website (www.dfi.com) for the most updated information. All product names mentioned are trademarks of
their respective companies. © April 12, 2013 DFI Inc.
www.dfi.com
X100-2P1M
Mechanical Drawing
Features
Specifications
Riser Card
0.00
5.00
8.76
29.08
33.20
39.20
13.50
5.00
9.00
31.65
33.20
6.05
X100-2P1M
EXPANSION SLOTS
• 1 Mini PCIe slot
- Supports full size or half size Mini PCIe card
• 2 PCI slots
- PCI 2.3, 32-bit, 33MHz
INTERFACE
• 1 PCIe x1
APPLIED MODELS
• SB102-D
DIMENSIONS
• 170mm x 52.7mm (6.7" x 2.07")
EXPANSION SLOTS 1 Mini PCIe, 2 PCI
INTERFACE
1 PCIe x1
DIMENSIONS
170mm x 52.7mm (6.7" x 2.07")
PCI
PCI
Mini PCIe
PCIe x1


Similar Part No. - 2P1M

ManufacturerPart #DatasheetDescription
logo
NEC
2P1M NEC-2P1M Datasheet
311Kb / 1P
Opto-Electronic Devices(NEPOC)
More results

Similar Description - 2P1M

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-410A ADVANTECH-PCM-410A Datasheet
112Kb / 1P
Riser Card & I/O Modules
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-R430P-03A2E ADVANTECH-AIMB-R430P-03A2E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-R431F-21A1E ADVANTECH-AIMB-R431F-21A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-R4104-01A1E ADVANTECH-AIMB-R4104-01A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-R4301-03A1E ADVANTECH-AIMB-R4301-03A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-RP3P8-12A1E ADVANTECH-AIMB-RP3P8-12A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-RP3PF-21A1E ADVANTECH-AIMB-RP3PF-21A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-RP10P-01A1E ADVANTECH-AIMB-RP10P-01A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
logo
AAEON Technology
PER-1100 AAEON-PER-1100 Datasheet
263Kb / 1P
Riser card for EMB-830
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com