Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PE4 Datasheet(PDF) 1 Page - DFI Inc

Part # 2PE4
Description  Riser Card
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

2PE4 Datasheet(HTML) 1 Page - DFI Inc

  2PE4 Datasheet HTML 1Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RISER-2PE4
Mechanical Drawing
Features
Specifications
Riser Card
0.00
5.00
8.77
29.09
33.20
39.20
6.04
13.50
5.00
8.00
8.05
33.20
31.95
PCIe x4
EXPANSION SLOTS
• 2 PCIe x4 slots
INTERFACE
• 1 PCIe x8
APPLIED MODELS
• SB102-D
DIMENSIONS
• 170mm x 52.7mm (6.7" x 2.07")
EXPANSION SLOTS 2 PCIe x4
INTERFACE
1 PCIe x8
DIMENSIONS
170mm x 52.7mm (6.7" x 2.07")
PCIe x8
Note: A customized BIOS is required for the riser card to work
with other DFI motherboards. Please contact your sales
representative for more information.
PCIe x4
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © March 12, 2014 DFI Inc.


Similar Description - 2PE4

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-410A ADVANTECH-PCM-410A Datasheet
112Kb / 1P
Riser Card & I/O Modules
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-R430P-03A2E ADVANTECH-AIMB-R430P-03A2E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-R431F-21A1E ADVANTECH-AIMB-R431F-21A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-R4104-01A1E ADVANTECH-AIMB-R4104-01A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-R4301-03A1E ADVANTECH-AIMB-R4301-03A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-RP3P8-12A1E ADVANTECH-AIMB-RP3P8-12A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-RP3PF-21A1E ADVANTECH-AIMB-RP3PF-21A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-RP10P-01A1E ADVANTECH-AIMB-RP10P-01A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
logo
AAEON Technology
PER-1100 AAEON-PER-1100 Datasheet
263Kb / 1P
Riser card for EMB-830
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com