Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8MM053 Datasheet(PDF) 2 Page - DFI Inc

Part # 8MM053
Description  NXP® i.MX 8M mini Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

8MM053 Datasheet(HTML) 2 Page - DFI Inc

  8MM053 Datasheet HTML 1Page - DFI Inc 8MM053 Datasheet HTML 2Page - DFI Inc 8MM053 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.dfi.com
MECHANICAL DRAWING
BLOCK DIAGRAM
i.MX8M
mini
0
13.04
55.58
0
13.04
69.08
85
LPDDR4 3200
Default 1GB up to 8GB
Type C
USB 2.0 Hub
USB2517i
M.2 E Key
2230
M.2 B Key
3042/2242
Nano SIM Slot
Terminal Block
2 Pin
(FS053)
LAN7500
USB to Serial
Pin Header
RJ45
RS232 x2
Pin
Header/Wafer
USB Type A
Connector x2
eMMC
Default 8GB up to 64GB
Micro SD
Connector
RJ45
HDMI
Connector
Terminal Block
2 Pin
Terminal Block
10 Pin
4bit
DIO/PWR/GND/
RS422
RTL8211
MIPI DSI
to HDMI
ADV7535BCBZRL
RS485
AZRS3080
RS422
GPIO 8bit
TCA6408A
3.3V/GND
Pin
Header/Wafer
Reset Button
Status LED
Pin
Header/Wafer
Pin
Header/Wafer
Front Panel
PS_ON, Reset,
PWR LED
Pin Header
LPDDR4
USB OTG
USB 2.0
9 to 36V
SDIO 8 bit
SDIO 4 bit
RGMII
MIPI DSI
UART COM1
UART
I2C
I2C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com