Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS101-R680DB Datasheet(PDF) 4 Page - DFI Inc

Part # ADS101-R680DB
Description  14th/13th/12th Gen Intel® CoreTM Thin Mini-ITX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ADS101-R680DB Datasheet(HTML) 4 Page - DFI Inc

  ADS101-R680DB Datasheet HTML 1Page - DFI Inc ADS101-R680DB Datasheet HTML 2Page - DFI Inc ADS101-R680DB Datasheet HTML 3Page - DFI Inc ADS101-R680DB Datasheet HTML 4Page - DFI Inc ADS101-R680DB Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.dfi.com
SPECIFICATION
Model Name
ADS101/ADS103-R680E
ADS101/ADS103-Q670E
ADS101/ADS103-H610E
ETHERNET
Controller
LAN1: 1 x Intel® I226V PCIe
(10/100/1000/2.5G speeds)
LAN2: 1 x Intel® I210AT PCIe
(10/100/1000 speeds)(Opt.)
LAN3: 1 x Intel® I219LM PHY
(10/100/1000 speeds)
(support vPro/AMT)
LAN1: 1 x Intel® I226V PCIe
(10/100/1000/2.5G speeds)
LAN2: 1 x Intel® I210AT PCIe
(10/100/1000 speeds)(Opt.)
LAN3: 1 x Intel® I219LM PHY
(10/100/1000 speeds)
(support vPro/AMT)
LAN1: 1 x Intel® I226V PCIe
(10/100/1000/2.5G speeds)
LAN2: 1 x Intel® I210AT PCIe
(10/100/1000 speeds)(Opt.)
LAN3: 1 x Intel® I219V PHY
(10/100/1000 speeds)
REAR I/O
Ethernet
1 x 2.5GbE (RJ-45)
1 x GbE (RJ-45) (2x by Opt.)
1 x 2.5GbE (RJ-45)
1 x GbE (RJ-45) (2x by Opt.)
1 x 2.5GbE (RJ-45)
1 x GbE (RJ-45) (2x by Opt.)
USB
4 x USB 3.2 Gen2
(Opt.: up to 6 x USB 3.2 Gen2)
4 x USB 3.2 Gen2
(Opt.: up to 6 x USB 3.2 Gen2)
2 x USB 3.2 Gen2 + 1 x USB 3.2
Gen1 + 1 x USB 2.0
Display
1 x DP++
1 x DP++/HDMI
1 x DFI display extension for
(DP/HDMI/VGA) (Opt.)
1 x DP++
1 x DP++/HDMI
1 x DFI display extension for
(DP/HDMI/VGA) (Opt.)
1 x DP++
1 x DP++/HDMI
1 x DFI display extension for
(DP/HDMI/VGA) (Opt.)
INTERNAL I/O
Serial
2 x RS-232/422/485
(without power) (2.0mm pitch)
2 x RS-232/422/485
(without power) (2.0mm pitch)
2 x RS-232/422/485
(without power) (2.0mm pitch)
USB
4 x USB 2.0 (2.0mm pitch)
2 x USB 3.2 Gen1
4 x USB 2.0 (2.0mm pitch)
2 x USB 3.2 Gen1
4 x USB 2.0 (2.0mm pitch)
Display
1 x LVDS header
1 x eDP connector
1 x LVDS header
1 x eDP connector
1 x LVDS header
1 x eDP connector
Audio
1 x Front Audio Header
1 x Front Audio Header
1 x Front Audio Header
SATA
2 x SATA 3.0 (up to 6Gb/s)
1 x SATA Power
RAID 0/1/5/10 (w/ M.2 Key-M/B
slot + 2 SATA Conn.)
2 x SATA 3.0 (up to 6Gb/s)
1 x SATA Power
RAID 0/1/5/10 (w/ M.2 Key-M/B
slot + 2 SATA Conn.)
2 x SATA 3.0 (up to 6Gb/s)
1 x SATA Power
DIO
1 x 8-bit DIO
1 x 8-bit DIO
1 x 8-bit DIO
WATCHDOG
TIMER
Output &
Interval
System Reset, Programmable via
Software from 1 to 255 Seconds
System Reset, Programmable via
Software from 1 to 255 Seconds
System Reset, Programmable via
Software from 1 to 255 Seconds
SECURITY
TPM
dTPM2.0
dTPM2.0
dTPM2.0
POWER
Type
ADS101: Single 12V +/-10% DC
ADS103: Wide Range 15~36V
ADS101: Single 12V +/-10% DC
ADS103: Wide Range 15~36V
ADS101: Single 12V +/-10% DC
ADS103: Wide Range 15~36V
Connector
DC-in Jack
Right Angle Connector (4-pin)
(available upon request)
Straight Type Connector (4-pin)
(available upon request)
DC-in Jack
Right Angle Connector (4-pin)
(available upon request)
Straight Type Connector (4-pin)
(available upon request)
DC-in Jack
Right Angle Connector (4-pin)
(available upon request)
Straight Type Connector (4-pin)
(available upon request)
Consumption Idle: i9-13900E 65W:
24V @ 3.14A (75.36W),
12V @ 5.52A (66.24W)
Max: i9-13900E 65W:
24V @ 4.82A (115.68W),
12V @ 9.38A (112.56W)
Idle: i9-13900E 65W:
24V @ 3.14A (75.36W),
12V @ 5.52A (66.24W)
Max: i9-13900E 65W:
24V @ 4.82A (115.68W),
12V @ 9.38A (112.56W)
Idle: i9-13900E 65W:
24V @ 3.14A (75.36W),
12V @ 5.52A (66.24W)
Max: i9-13900E 65W:
24V @ 4.82A (115.68W),
12V @ 9.38A (112.56W)
RTC Battery
CR2032 Coin Cell
CR2032 Coin Cell
CR2032 Coin Cell
OS SUPPORT
Microsoft
Windows 10 IoT Enterprise 64-bit
Windows 11 LTSC
Windows 10 IoT Enterprise 64-bit
Windows 11 LTSC
Windows 10 IoT Enterprise 64-bit
Windows 11 LTSC
Linux
Linux
Linux
Linux
ENVIRONMENT
Temperature Operating: -5°C ~ 65°C
Storage: -40°C ~ 85°C
Operating: -5°C ~ 65°C
Storage: -40°C ~ 85°C
Operating: -5°C ~ 65°C
Storage: -40°C ~ 85°C
Humidity
Operating: 5% ~ 90% RH
Storage: 5% ~ 90% RH
Operating: 5% ~ 90% RH
Storage: 5% ~ 90% RH
Operating: 5% ~ 90% RH
Storage: 5% ~ 90% RH
MTBF
ADS101-R680DB 547,831 hrs
@ 25°C; 320,230 hrs @ 45°C;
204,129 hrs @ 60°C;
Calculation model:
Telcordia Issue 4
Environment: GB, GC – Ground
Benign, Controlled
ADS101-R680DB 547,831 hrs
@ 25°C; 320,230 hrs @ 45°C;
204,129 hrs @ 60°C;
Calculation model:
Telcordia Issue 4
Environment: GB, GC – Ground
Benign, Controlled
ADS101-R680DB 547,831 hrs
@ 25°C; 320,230 hrs @ 45°C;
204,129 hrs @ 60°C;
Calculation model:
Telcordia Issue 4
Environment: GB, GC – Ground
Benign, Controlled
MECHANISM
Dimensions
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Height
PCB: 1.6mm
Top Side: 33.3mm
Bottom Side: 4mm
PCB: 1.6mm
Top Side: 33.3mm
Bottom Side: 4mm
PCB: 1.6mm
Top Side: 33.3mm
Bottom Side: 4mm
STANDARDS AND
CERTIFICATION
Certifications CE, FCC Class B, RoHS, UKCA
CE, FCC Class B, RoHS, UKCA
CE, FCC Class B, RoHS, UKCA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com