Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS103-R680IB Datasheet(PDF) 5 Page - DFI Inc

Part # ADS103-R680IB
Description  14th/13th/12th Gen Intel® CoreTM Thin Mini-ITX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ADS103-R680IB Datasheet(HTML) 5 Page - DFI Inc

  ADS103-R680IB Datasheet HTML 1Page - DFI Inc ADS103-R680IB Datasheet HTML 2Page - DFI Inc ADS103-R680IB Datasheet HTML 3Page - DFI Inc ADS103-R680IB Datasheet HTML 4Page - DFI Inc ADS103-R680IB Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 26, 2024 DFI Inc.
ORDERING INFORMATION
PACKING LIST
OPTIONAL ITEMS
• 1 ADS101/ADS103 motherboard
• 1 Serial ATA data & power cable w/lock
(Length: 300mm)
A81-002101-016G
• 1 COM port cable (Length: 250mm, 1 x COM port)
A81-015011-001G
• 1 I/O shield
- w/ icon (3LAN/4USB)
- w/ icon (2LAN/6USB)
A49-ADS101-000G
A49-ADS101-010G
• COM port cable (Length: 250mm, 1 x COM ports)
A81-015011-001G
• USB 3.1 cable (2-port USB3.1 Gen1/2, Length:
300mm, w/bracket)
A81-001075-017G
• Serial ATA data & power cable w/lock (Length:
300mm)
A81-002101-016G
• Thermal solution (For 35W, Height: 29.4mm)
A71-101136-000G
• Thermal solution (For 65W, Height: 46mm)
A71-101137-000G
• DT122 Chassis
761-DT1220-200G
• EXT-VGA module board
770-DP2VGA-000G
• EXT-HDMI module board
770-DP2HDM-000G
• EXT-DP module board
770-EXTDP1-000G
Model Name
P/N
Memory
Rear I/O
Internal I/O
TPM
Power
Operating
Temp.
Display
LAN
USB
M.2
USB
ADS101-R680DB 770-ADS1011-000G
2 DDR4
1 DP++,
1 DP++/HDMI
2
6 USB 3.2 Gen2
M.2 M/B/E Key
2 USB 3.2 Gen1,
4 USB 2.0
dTPM
12V
DC-IN
-5°C ~ 65°C
ADS101-Q670DB 770-ADS1011-100G
2
6 USB 3.2 Gen2
2 USB 3.2 Gen1,
4 USB 2.0
12V
DC-IN
ADS101-H610IB 770-ADS1011-200G
3
2 USB 3.2 Gen2,
1 USB 3.2 Gen1,
1 USB 2.0
4 USB 2.0
12V
DC-IN
ADS101-R680IB 770-ADS1011-300G
3
4 USB 3.2 Gen2
2 USB 3.2 Gen1,
4 USB 2.0
12V
DC-IN
ADS103-R680DB 770-ADS1031-000G
2
6 USB 3.2 Gen2
2 USB 3.2 Gen1,
4 USB 2.0
15~36V
DC-IN
ADS103-Q670DB 770-ADS1031-100G
2
6 USB 3.2 Gen2
2 USB 3.2 Gen1,
4 USB 2.0
15~36V
DC-IN
ADS103-H610IB 770-ADS1031-200G
3
2 USB 3.2 Gen2,
1 USB 3.2 Gen1,
1 USB 2.0
4 USB 2.0
15~36V
DC-IN
ADS103-R680IB 770-ADS1031-300G
3
4 USB 3.2 Gen2
2 USB 3.2 Gen1,
4 USB 2.0
15~36V
DC-IN



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com