Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL170 Datasheet(PDF) 2 Page - DFI Inc

Part # AL170
Description  Intel Atom® Processor E3900 Series Mini-ITX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

AL170 Datasheet(HTML) 2 Page - DFI Inc

  AL170 Datasheet HTML 1Page - DFI Inc AL170 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AL170
Specifications
Packing List
Optional Items
• 1 AL170 motherboard
• I/O shield
A49-AL1700-010G (VGA/DP++) or
A49-AL1700-000G (DP++/DP++)
• Serial ATA data cable (Length: 500mm) 332-553001-005G
• COM port cable
(Length: 250mm, 1 x COM ports)
A81-015011-001G
• 1 Heat sink
A71-008106-000G
(for E series CPU 0 to 60oC/-40 to 85oC)
A71-008101-020G
(for N series CPU 0 to 60oC)
• USB 2.0 port cable (Length: 200mm)
A81-001032-016G
• LPC EXT-RS232 module (4 x RS232 ports)
770-EXTRS1-000G
• LPC EXT-RS485 module (4 x RS485 ports)
770-EXTRS1-100G
SYSTEM
Processor
Intel Atom® Processor E3900 Family, BGA 1296
Intel Atom® x7-E3950 Processor, Quad Core, 2M Cache, 1.6GHz (2.0GHz), 12W
Intel Atom® x5-E3940 Processor, Quad Core, 2M Cache, 1.6GHz (1.8GHz), 9.5W
Intel Atom® x5-E3930 Processor, Dual Core, 2M Cache, 1.3GHz (1.8GHz), 6.5W
Intel® Pentium® N4200 Processor, Quad Core, 2M Cache, 1.1GHz (2.5GHz), 6W
Intel® Celeron® Processor N3350, Dual core, 2M Cahe 1.1GHz (2.4GHz) , 6W
Memory
Two 204-pin SODIMM up to 8GB
Dual Channel DDR3L 1867MHz
BIOS
SPI 64Mbit (supports UEFI boot only)
GRAPHICS
Controller
Intel® HD Graphics GT Series
Feature
OpenGL 5.0, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H.265, VP8, VP9, MVC
HW Encode: AVC/H.264, JPEG/MJPEG, HEVC/H.265, VP8, VP9, MVC
Display
1 x VGA/DP++
1 x DP++
1 x LVDS/eDP
VGA: resolution up to 2560x1600 @ 60Hz
LVDS: dual channel 48-bit, resolution up to 1920x1200 @ 60Hz
DP++: resolution up to 4096x2160 @ 60Hz
eDP: resolution up to 4096x2160 @ 60Hz
Triple Displays
VGA + DP++ + LVDS
VGA + DP++ + eDP
DP++ + DP++ + LVDS
DP++ + DP++ + eDP
EXPANSION
Interface
1 x PCIEx (Gen2, signal share w/M.2)
1 x M.2 M key (support 2242/2280, PCIE&SATA signal, default SATA)
1 x Full-size Mini PCIe (PCIe2.0/USB2.0)(USB3.1 Gen 1)(opt.)
AUDIO
Audio Codec
Realtek ALC888
ETHERNET
Controller
-40 to 85°C: 2 x Intel® I210IT PCIe (10/100/1000Mbps) or
0 to 60°C: 2 x Intel® I211AT PCIe (10/100/1000Mbps)
REAR I/O
Ethernet
2 x GbE (RJ-45)
USB
4 x USB 3.0
Display
1 x VGA/DP++
1 x DP++
Audio
1 x Line-out
1 x Line-in (available upon request)
1 x Mic-in
Serial
2 x RS-232/422/485 (RS-232 w/ power) (DB-9)
INTERNAL I/O
Serial
4 x RS-232 (2.0mm pitch)
USB
6 x USB 2.0 (2.0mm pitch)
Display
1 x LVDS LCD Panel connector or 1 x eDP LCD panel connector
1 x LCD/intverter Power
Audio
1 x S/PDIF
SATA
2 x SATA 3.0 (up to 6Gb/s) colay with M.2 M key
DIO
1 x 8-bit DIO
LPC
1 x LPC (supports LPC EXT-RS232/RS485 module)
SMBus
1 x SMBus
WATCHDOG TIMER Output & Interval System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
dTPM 2.0 (opt.)
POWER
Type
ATX
Connector
24-pin ATX power
Consumption
TDP 6~12W
RTC Battery
CR2032 Coin Cell
OS SUPPORT
(UEFI Only)
Microsoft/Linux
Windows 10 64bits (LTSB)
Linux
ENVIRONMENT
Temperature
Operating: 0 to 60°C, -40 to 85°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
357,197 hrs @ 25°C; 206,214 hrs @ 45°C ; 130,208 hrs @ 60°C Calculation model: Telcordia Issue 2, Method I Case 3
Environment: GB, GC – Ground Benign, Controlled
MECHANICAL
Dimensions
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Height
PCB: 1.6mm
Top Side: 38.5mm, Bottom Side: 3.00mm
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © October 25, 2023 DFI Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com