Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP104221 Datasheet(PDF) 1 Page - Belden Inc.

Part # AP104221
Description  Blank Plate
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AP104221 Datasheet(HTML) 1 Page - Belden Inc.

  AP104221 Datasheet HTML 1Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product: AP104221
Blank Plate
Product Description
Blank Plate for Unoccupied Patch Panel Housing Slots, Black
Technical Specifications
Product Overview
Environmental Space:
Indoor
Construction
Width:
27 mm
Length:
86 mm
Temperature Range
Operating Temperature Range: -10°C To +60°C
Product Material
Materials
Material Color
ABS
Black
Standards
UL Flammability:
UL 94-V0
MII Order #39 (China RoHS):
Yes
Related Part Numbers
Related Parts:
2U, 19’’ Rack mount patch panel housing: AP104220
History
Update and Revision:
Revision Number: 0.12 Revision Date: 04-08-2022
© 2025 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.


Similar Part No. - AP104221

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
AP104220 BELDEN-AP104220 Datasheet
179Kb / 2P
AP104220-FX 2U Rack Mount Patch Panel Housing
11-19-2024
AP104222 BELDEN-AP104222 Datasheet
186Kb / 2P
Cassette Holder
04-08-2022
More results

Similar Description - AP104221

ManufacturerPart #DatasheetDescription
logo
Littelfuse
03540520Z LITTELFUSE-03540520Z Datasheet
181Kb / 1P
Blank Module
logo
RMT Ltd.
1MD03005 RMT-1MD03005_1 Datasheet
450Kb / 3P
Blank ceramics
logo
Crydom Inc.,
CNLB CRYDOM-CNLB Datasheet
168Kb / 1P
Blank Strips
logo
Tripp Lite. All Rights ...
N042D-100V-WH TRIPPLITE-N042D-100V-WH Datasheet
155Kb / 2P
Center Plate Insert, Decora Style - Vertical, Blank
logo
Schneider Electric
ZBY21CUST01 SCHNEIDER-ZBY21CUST01 Datasheet
79Kb / 1P
BLANK LEGEND PLATE
Nov 15, 2021
9001KN100WP SCHNEIDER-9001KN100WP Datasheet
108Kb / 3P
30MM LEGEND PLATE - BLANK (WHITE)
Jan 20, 2022
KZ103 SCHNEIDER-KZ103 Datasheet
113Kb / 2P
legend holder with blank legend plate - for front plate 90 x 90 mm
Feb 10, 2022
KZ77 SCHNEIDER-KZ77 Datasheet
107Kb / 2P
TeSys Mini-VARIO and VARIO - Blank legend plate - set of 10
Feb 10, 2022
logo
Festo Corporation.
560957 FESTO-560957 Datasheet
74Kb / 1P
Plate
8/2/22
560955 FESTO-560955 Datasheet
67Kb / 1P
Plate
8/4/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com