Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP104222 Datasheet(PDF) 1 Page - Belden Inc.

Part # AP104222
Description  Cassette Holder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AP104222 Datasheet(HTML) 1 Page - Belden Inc.

  AP104222 Datasheet HTML 1Page - Belden Inc. AP104222 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: AP104222
Cassette Holder
Product Description
Cassettes holder support KeyConnect module cassettes for different applications
Technical Specifications
Product Overview
Suitable Applications:
Applicable for limited space in central office equipment bays
Physical Characteristics (Overall)
Height:
36 mm
Width:
87 mm
Depth:
97 mm
Connectors
Materials
Material Color
SPCC
Black
ABS
Black
Temperature Range
Storage Temperature Range:
-40°C To +70°C
Operating Temperature Range: -10°C To +60°C
Applicable Environmental and Other Programs
Environmental Space:
Indoor
MII Order #39 (China RoHS):
Yes
Related Part Numbers
Related Parts:
KeyConnect module cassettes: AP104223
Product Notes
Included Parts:
Base plates, Screws
History
Update and Revision:
Revision Number: 0.12 Revision Date: 04-08-2022
© 2025 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.


Similar Part No. - AP104222

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
AP104220 BELDEN-AP104220 Datasheet
179Kb / 2P
AP104220-FX 2U Rack Mount Patch Panel Housing
11-19-2024
AP104221 BELDEN-AP104221 Datasheet
186Kb / 1P
Blank Plate
04-08-2022
More results

Similar Description - AP104222

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6262N PANASONIC-AN6262N Datasheet
58Kb / 5P
Pause Detection Circuits of Radio Cassette, Cassette Deck
logo
List of Unclassifed Man...
D1217U ETC-D1217U Datasheet
129Kb / 1P
CASSETTE DETAILS
logo
Power-One
HZZ00101 POWER-ONE-HZZ00101 Datasheet
262Kb / 9P
Cassette Style Mating Connectors
logo
Tripp Lite. All Rights ...
N482-00U TRIPPLITE-N482-00U Datasheet
169Kb / 2P
High-Density Fiber Cassette Sleeve, 0U, 1-Cassette Capacity
N484-00U TRIPPLITE-N484-00U Datasheet
168Kb / 2P
High Density Copper / Fiber Cassette Sleeve, 0U, 1-Cassette Capacity
logo
DISCO Corporation
MDTC-150-03 DISCO-MDTC-150-03 Datasheet
139Kb / 1P
6 inch cassette
MDTC-200-04 DISCO-MDTC-200-04 Datasheet
135Kb / 1P
Tape frame cassette
MDTC-300-01 DISCO-MDTC-300-01 Datasheet
138Kb / 1P
Cassette
MDTC-300-02 DISCO-MDTC-300-02 Datasheet
149Kb / 1P
Cassette
MDTC-300-03 DISCO-MDTC-300-03 Datasheet
146Kb / 1P
Cassette
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com