Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB381 Datasheet(PDF) 13 Page - Motorola, Inc

Part # EB381
Description  Migrating from the MC68HC811E2 to the MC68HC11F1
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

EB381 Datasheet(HTML) 13 Page - Motorola, Inc

Back Button EB381 Datasheet HTML 8Page - Motorola, Inc EB381 Datasheet HTML 9Page - Motorola, Inc EB381 Datasheet HTML 10Page - Motorola, Inc EB381 Datasheet HTML 11Page - Motorola, Inc EB381 Datasheet HTML 12Page - Motorola, Inc EB381 Datasheet HTML 13Page - Motorola, Inc EB381 Datasheet HTML 14Page - Motorola, Inc EB381 Datasheet HTML 15Page - Motorola, Inc EB381 Datasheet HTML 16Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Engineering Bulletin
Migrating to the MC68HC11F1
EB381
MOTOROLA
13
Figure 9. MC68HC11F1 Non-Multiplexed Bus Example
Memory Map
Example
This example is for connecting an 8- or 16-Kbyte external RAM and a
32-Kbyte external EPROM. See Figure 10.
•
Leave internal RAM at default location ($0000–$03FF).
•
Leave register block at default location ($1000–$105F).
•
Relocate internal EEPROM to address $2E00–$2FFF. This is
done by programming the EE0–EE3 bits in the CONFIG register
($103F) to %0010. You may also need to program the EEON bit
to ensure that the EEPROM is present in the memory map (see
Figure 7).
•
CSPROG comes up enabled in expanded mode. You will need to
program the PSIZA and PSIZB bits in the CSCTL register ($105D)
to set an address range. In this example, PSIZA = 0 and
PSIZB = 1 ($8000–$FFFF). The user may also want to clear the
PSTHA and PSTHB bits in the CSSTRH register ($105C) to
ensure no clock stretch is used. Another option with CSPROG is
the priority regarding CSGEN. This can be programmed using the
GCSPR bit in the CSCTL register.
R/W
E
ADDRESS
68HC11F1
WE
OE
DATA
OE
WE
OE
CSGEN
DATA
DATA
EPROM
ADDRESS
RAM
ADDRESS
CE
CE
CSGPROG
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com