Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCD-RX99 Datasheet(PDF) 17 Page - Sony Corporation

Part # HCD-RX99
Description  SERVICE MANUAL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

HCD-RX99 Datasheet(HTML) 17 Page - Sony Corporation

Back Button HCD-RX99 Datasheet HTML 12Page - Sony Corporation HCD-RX99 Datasheet HTML 13Page - Sony Corporation HCD-RX99 Datasheet HTML 14Page - Sony Corporation HCD-RX99 Datasheet HTML 15Page - Sony Corporation HCD-RX99 Datasheet HTML 16Page - Sony Corporation HCD-RX99 Datasheet HTML 17Page - Sony Corporation HCD-RX99 Datasheet HTML 18Page - Sony Corporation HCD-RX99 Datasheet HTML 19Page - Sony Corporation HCD-RX99 Datasheet HTML 20Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
– 83 –
– 84 –
HCD-GRX8/R800/RX88/RX99
• Tuner section
IC21 LC72130
7-30. IC BLOCK DIAGRAMS
IC41 LA1838
IC1701 IR3R42
IC1702 MC14053BCP
IC1751 NJM4558D
IC1752 BU1922
PHASE DETECTOR
CHARGE PUMP
SWALLOW COUNTER
1/16, 1/17 4BITS
12BITS PROGRAMMABLE
DRIVER
UNIVERSAL
COUNTER
REFERENCE
DIVIDER
POWER
ON
RESET
1/2
C2B
I/F
1
2
3 4 5 6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
21
22
23
24
UNLOCK
DETECTOR
DATA SHIFT REGISTER LATCH
OSC
1/2
1/2
PHASE
WAVEFORM
SEP.
GATE
SAMPLE
& HOLD
BUFFER
REGULATOR
PHASE
COMPARATOR
PHASE
COMPARATOR 2
MUTE
TRIGGER
1
2
3
4
5
6 7
8
9
10
20
19 18
17
16
15
14 13
12
11
AMP
AMP
AMP
1
2
3
4
5
6
7
8
B1
B0
C.COM
CO
INH
VEE
VSS
VDD
B.COM
A.COM
A1
A0
A
B
C
C1
9
10
11
12
13
14
15
16
OPEN
OPEN
OPEN
+–
6
7
5
8
B
+–
2
1
3
4
A
A OUT
A IN–
A IN+
VEE
VCC
B OUT
B IN–
B IN+
QUALITY BIT
GENERATOR
DEFFERENTIAL
DECODER
BIPHASE
SYMBOL
DECODER
OSCILLATOR
AND
DIVIDER
57kHz
BANDPASS
(8th ORDER)
CONTAS LOOP
VARIABLE AND
FIXED DIVIDER
REFERENCE
VOLTAGE
ANTI-
ALIASING
FILTER
CLOCKED
COMPARATOR
TEST LOGIC AND OUTPUT
SELECTOR SWITCH
RECONSTRUCTION
FILTER
14
15
16
13
12
11
10
9
3
2
1
4
5
6
7
8
CLOCK REGENERATION
AND SYNC
VP1
ALC
BUFF
AM
OSC
AM
MIX
AM
RF. AMP
AGC
IF
DET
S-CURVE
AM/FM
IF
BUFF
REG
TUNING
DRIVE
GND
VCC
PILOT
DET
VCO
FF
STEREO
DRIVE
STEREO
SW
MUTE
FF
FF
FM
IF
FM
DET
DECODER
ANTI BIRDIE
1
2 3
4
5
6
7
9
8
20
19
18
17 16
15
14
11
10
21
22
23
24
25
27
26
29
30
S METER
FM
S METER
AM
COMP
SD
AM
12
13
PHASE
DET
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com