Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD352 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # MMBD352
Description  SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD352 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  MMBD352 Datasheet HTML 1Page - Pan Jit International Inc. MMBD352 Datasheet HTML 2Page - Pan Jit International Inc. MMBD352 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
REV.0-DEC.29.2005
MMBD101/MMBD352/MMBD353/MMBD354/MMBD355
ELECTRICAL CHARACTERISTICS (T
A
=25
O
C , unless otherwise noted)
ELECTRICAL CHARACTERISTICS CURVE
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
100
10
1
0.1
Forward Voltage, V (V)
F
Forward Voltage, V (V)
F
0
25
50
75
100
125
150
10
1
0.1
0.01
Junction Temperature,T (C)
J
Junction Temperature,T (C)
J
0
1
2
3
4
5
6
7
0.90
0.85
0.80
0.75
0.70
0.65
0.60
0.55
0.50
Reverse Voltage,V (V)
R
Reverse Voltage,V (V)
R
T =125 C
J
O
T =125 C
J
O
T=75C
J
O
T=75C
J
O
V=3V
R
V=3V
R
T=25C
J
O
T=25C
J
O
f=1MHz
Fig.1-Typical Forward Characteristics
Fig.1-Typical Forward Characteristics
Fig.2-Typical Reverse Characteristics
Fig.2-Typical Reverse Characteristics
Fig.3-Typical Total Capacitance
Fig.3-Typical Total Capacitance
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SN
O
I
T
I
D
N
O
C
T
S
E
T.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
U
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
)
R
B
(
I
R
0
1
=
µA0
.
70
1-
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
R
V
0
.
3
=-
-
5
2
.
0
µA
e
g
a
t
l
o
V
d
r
a
w
r
o
FV
F
I
F
A
m
0
1
=-
5
.
06
.
0V
e
c
n
a
t
i
c
a
p
a
C
l
a
t
o
TC
T
V
;
z
H
M
0
.
1
=
f
R
V
0
=-
8
8
.
00
.
1F
p



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com