Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069883 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1069883
Description  EH 45-C CS/ABS-PC BK9005 - Upper housing part
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1069883 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1069883 Datasheet HTML 1Page - PHOENIX CONTACT 1069883 Datasheet HTML 2Page - PHOENIX CONTACT 1069883 Datasheet HTML 3Page - PHOENIX CONTACT 1069883 Datasheet HTML 4Page - PHOENIX CONTACT 1069883 Datasheet HTML 5Page - PHOENIX CONTACT 1069883 Datasheet HTML 6Page - PHOENIX CONTACT 1069883 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
DIN rail housing, Upper housing part, tall design, no connection opening, width: 45.1 mm, height:
75.26 mm, depth: 36.95 mm, color: black (similar RAL 9005)
Your advantages
DIN rail or panel mounting for application-specific device attachment
•
Easy design-in, thanks to variable housing form factor
•
Complete flexibility, thanks to PCBs with horizontal, frontal, and orthogonal orientation to the front of the device
•
Three cover versions for individual PCB connections
•
Integration of a wide variety of PCB connection technologies for a functional device design
•
Commercial data
Item number
1069883
Packing unit
10 pc
Minimum order quantity
1 pc
Product key
ACHCHC
GTIN
4055626746920
Weight per piece (including packing)
20 g
Weight per piece (excluding packing)
19.615 g
Country of origin
IN
EH 45-C CS/ABS-PC BK9005 - Upper housing part
1069883
https://www.phoenixcontact.com/us/products/1069883
Feb 14, 2025, 2:33 AM
Page 1 (7)


Similar Part No. - 1069883

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1069884 PHOENIX-1069884 Datasheet
317Kb / 8P
EH 67,5-B/ABS-PC GY7035 - Mounting base housing
1069885 PHOENIX-1069885 Datasheet
318Kb / 8P
EH 67,5-B/ABS-PC BK9005 - Mounting base housing
1069887 PHOENIX-1069887 Datasheet
289Kb / 7P
EH 67,5-C SS/ABS-PC GY7035 - Upper housing part
1069888 PHOENIX-1069888 Datasheet
289Kb / 7P
EH 67,5-C DS/ABS-PC GY7035 - Upper housing part
1069889 PHOENIX-1069889 Datasheet
288Kb / 7P
EH 67,5-C CS/ABS-PC GY7035 - Upper housing part
More results

Similar Description - 1069883

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2869032 PHOENIX-2869032 Datasheet
69Kb / 4P
Upper part of housing, double-level, for COMBICON connection, housing width: 45 mm
2909743 PHOENIX-2909743 Datasheet
116Kb / 9P
Upper part of housing, double-level, for COMBICON connection, housing width: 45 mm
1019570 PHOENIX-1019570 Datasheet
59Kb / 3P
Upper part of housing - ICS25-TL77X12-7035
2203887 PHOENIX-2203887 Datasheet
59Kb / 3P
Upper part of housing - ICS25-TL122X12-7035
1076913 PHOENIX-1076913 Datasheet
183Kb / 7P
Upper part of housing - ICS50-TL100X12-5015
1076994 PHOENIX-1076994 Datasheet
167Kb / 8P
Upper part of housing - ICS50-TL100X12-7035
1076995 PHOENIX-1076995 Datasheet
156Kb / 8P
Upper part of housing - ICS50-C100X12-7035
2203880 PHOENIX-2203880 Datasheet
171Kb / 7P
Upper part of housing - ICS20-TL100X12-7035
2201448 PHOENIX-2201448 Datasheet
89Kb / 5P
Upper part of housing - EH 45 F-C SS/ABS BK9005
09/12/2020
2201742 PHOENIX-2201742 Datasheet
107Kb / 7P
Mounting base housing - EH 70-B/ABS GY7035
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com