Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069887 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1069887
Description  EH 67,5-C SS/ABS-PC GY7035 - Upper housing part
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1069887 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1069887 Datasheet HTML 1Page - PHOENIX CONTACT 1069887 Datasheet HTML 2Page - PHOENIX CONTACT 1069887 Datasheet HTML 3Page - PHOENIX CONTACT 1069887 Datasheet HTML 4Page - PHOENIX CONTACT 1069887 Datasheet HTML 5Page - PHOENIX CONTACT 1069887 Datasheet HTML 6Page - PHOENIX CONTACT 1069887 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Test duration per axis
2.5 h
Test directions
X-, Y- and Z-axis
Glow-wire test
Specification
IEC 60695-2-11:2014-02
Temperature
850 °C
Time of exposure
30 s
Thermal stability / ball thrust test
Specification
IEC 60695-10-2:2014-02
Temperature
80 °C
Test duration
1 h
Force
20 N
Mechanical strength / tumbling barrel
Specification
IEC 60998-1:2002-12
Height of fall
50 cm
Frequency
10
Shocks
Specification
IEC 60068-2-27:2008-02
Pulse shape
Half-sine
Acceleration
15g
Shock duration
11 ms
Number of shocks per direction
3
Test directions
X-, Y- and Z-axis (pos. and neg.)
Degree of protection (IP code)
Specification
IEC 60529:1989-11 + AMD 1:1999-11 + AMD 2:2013-08
Ambient conditions
Max. IP code to attain
IP20
Ambient temperature (operation)
-40 °C ... 80 °C (depending on power dissipation)
Ambient temperature (storage/transport)
-40 °C ... 55 °C
Ambient temperature (assembly)
-5 °C ... 80 °C
Relative humidity (storage/transport)
95 %
PCB data
Type of PCB mount
Slot
Thickness of the PCB
1.4 mm ... 1.8 mm
Mounting
Mounting type
Snap in
Packaging specifications
Type of packaging
packed in cardboard
Outer packaging type
Carton
EH 67,5-C SS/ABS-PC GY7035 - Upper housing part
1069887
https://www.phoenixcontact.com/us/products/1069887
Feb 14, 2025, 1:19 AM
Page 3 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com