Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13402 Datasheet(PDF) 1 Page - Atom Lighting

Part # 13402
Description  AT9498
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

13402 Datasheet(HTML) 1 Page - Atom Lighting

  13402 Datasheet HTML 1Page - Atom Lighting 13402 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AT9498
6W MR16 Tri-colour LED lamp. Non dimmable.
Tri-colour
Energy efficient LED lamp
Long life
No mercury content
Suitable replacement for halogen lamps
ORDERING INFORMATION
Order code
13402
Description
MR16 6W 12V LED LAMP TRI
CCT NON-DIM 60D
Item Code
AT9498/60/TRI
EFFICIENCIES
Total System Efficiency
83 lm/W
The performance of each component of a luminaire is
demonstrated through its efficiencies, which together
determine the total system efficiency of the product. The
output of the LED chip is first multiplied by the optical and
thermal efficiencies to calculate the Luminaire efficiency.
However, this calculation does not consider the driver
efficiency. To determine the overall efficiency of the system,
the Luminaire efficiency must be multiplied by the driver
efficiency, which accounts for all losses in the system.
ELECTRICAL
Input voltage
12V AC/DC
Maximum Wattage
6 W
Power Factor
0.7
System Max Wattage
6 W
LAMP
Beam Angle
60 °
Bulb Type
MR16
CCT Configuration
TRI-CCT
Colour Rendering Index (CRI)
>80
Globe Base
GU5.3
Lamp/LED Current
500 mA
Lamp/LED voltage
9.1 V
COLOUR TEMPERATURE
4 Watts
Warm White (3000 K)
430 lm
Cool White (4000 K)
500 lm
DayLight (6500 K)
460 lm
COMPLIANCE
Standards
AS/NZS 62560
IEC/TR 62778
AS CISPR 15
WARRANTY
Domestic Use Warranty
1 RTB (Total 1 Year)
VIP Warranty
2 RTB (Total 2 Years)
VIP warranty is available to registered users and is subjected
to additional terms and conditions.
DIMENSIONS
Product Height
55 mm
Product Width
50 mm
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 13402

ManufacturerPart #DatasheetDescription
logo
Heyco.
13402 HEYCO-13402 Datasheet
114Kb / 1P
Heyco® PG and Metric Threaded Plugs
logo
Turck, Inc.
13402 TURCK-13402 Datasheet
330Kb / 3P
Inductive Sensor
11/07/2023
logo
PHOENIX CONTACT
1340254 PHOENIX-1340254 Datasheet
216Kb / 6P
P-DI-MP HV OG - Isolating plug
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com