Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS101 Datasheet(PDF) 2 Page - DFI Inc

Part # CMS101
Description  10th Gen Intel® CoreTM Thin Mini-ITX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CMS101 Datasheet(HTML) 2 Page - DFI Inc

  CMS101 Datasheet HTML 1Page - DFI Inc CMS101 Datasheet HTML 2Page - DFI Inc CMS101 Datasheet HTML 3Page - DFI Inc CMS101 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.dfi.com
MECHANICAL DRAWING
BLOCK DIAGRAM
Switch
111.61
154.94
159.84
10.16
2.50
22.86
154.94
159.84
Intel®
W480E/
Q470E/
H420E
Chipset
Channel A
eDP
USB 2.0
SATA 3.0
SMBus
DDI
HDA
LPC Bus
Front Audio Header
Line-out/Mic-In
RS232 2x
DDR4 2933MHz SODIMM
M.2 2280 M key
M.2 2230 E key
SATA 2x
8-bit DIO
fTPM2.0 (default) / dTPM2.0 (opt.)
TCA6408A
eDP
DP++
Realtek
ALC888
Super IO
with WDT
Fan Control
Case Open
H/W Monitor
DMI 3.0
Intel
Comet Lake-S
LGA 1200
Channel B
DDR4 2933MHz SODIMM
PCIe x1
2.5G LAN 1
GLAN I225LM
MDI
PCIe x1
LAN 2
MDI
PCIe x1
LAN 3
GLAN I210AT
MDI
USB 2.0
USB 2.0 2x
LPC
LPC
PCIe x1
SPI
SPI BIOS
M.2 3052 B key
DDI
DP++
eDP
eDP
LVDS
PTN3460
MDI
PCIe Gen3 PCIe x16
USB 2.0
USB 2.0 2x
RS232/422/485 2x
SMBus
H420E Only
W480E/Q470E Only
USB 3.2 Gen2 / USB 2.0
USB 3.2 Gen2 / USB 2.0
USB 3.2 Gen1 / USB 2.0
USB 3.2 Gen1 / USB 2.0
USB 3.2 Gen2 2x
USB 3.2 Gen1 2x
USB 3.2 Gen2 2x
USB 3.2 Gen1 2x
GLAN I219LM
GLAN I219V
PCIe x4 Gen3 / SATA 3.0
PCIe x1 Gen3
USB 3.2 Gen2 / USB 2.0
PCIe x1 Gen3 / SATA 3.0
PCIe x1 Gen3
USB 3.2 Gen1 / USB 2.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com