Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS311 Datasheet(PDF) 4 Page - DFI Inc

Part # CMS311
Description  10th Gen Intel® CoreTM microATX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CMS311 Datasheet(HTML) 4 Page - DFI Inc

  CMS311 Datasheet HTML 1Page - DFI Inc CMS311 Datasheet HTML 2Page - DFI Inc CMS311 Datasheet HTML 3Page - DFI Inc CMS311 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com
Model Name
CMS311-W480E
CMS311-Q470E
Power
Type
ATX
ATX
Connector
8-pin ATX 12V power
24-pin ATX power
8-pin ATX 12V power
24-pin ATX power
Consumption
TBD
TBD
RTC Battery
CR2032 Coin Cell
CR2032 Coin Cell
OS Support
Microsoft
Windows 10 IoT Enterprise 64-bit
Windows 10 IoT Enterprise 64-bit
Linux
Linux
Linux
Environment
Temperature
Operating: -5 to 65°C
Storage: -30 to 60°C with RTC Battery;
-40 to 85°C without RTC Battery
Operating: -5 to 65°C
Storage: -30 to 60°C with RTC Battery;
-40 to 85°C without RTC Battery
Humidity
Operating: 5 to 95% RH
Storage: 5 to 95% RH
Operating: 5 to 95% RH
Storage: 5 to 95% RH
MTBF
TBD
TBD
Mechanism
Dimensions
microATX Form Factor
244mm (9.6") x 244mm (9.6")
microATX Form Factor
244mm (9.6") x 244mm (9.6")
Height
PCB: 1.6mm
Top Side: TBD
Bottom Side: TBD
PCB: 1.6mm
Top Side: TBD
Bottom Side: TBD
Standards and
Certifications
Certifications
CE, FCC Class B, UKCA, RoHS
CE, FCC Class B, UKCA, RoHS
SPECIFICATION
PACKING LIST
OPTIONAL ITEMS
ORDERING INFORMATION
Model Name
P/N
Memory 1GbE 10GbE RS-232/422/485
USB
3.1 Gen2
USB
3.1 Gen1
USB
2.0
TPM
Power
Temp.
CMS311-W480ENRM 770-CMS3111-000G
4 UDIMM
2
2
2
4
6
4
-
24-pin ATX/
8-pin ATX 12V
-5 to 65°C
CMS311-Q470ENRM 770-CMS3111-100G
2
-
CMS311-W480ENRM 770-CMS3111-200G
0
-
CMS311-Q470ENRM 770-CMS3111-300G
0
-
CMS311-W480ENRM 770-CMS3111-400G
2
w/ TPM
CMS311-Q470ENRM 770-CMS3111-500G
2
w/ TPM
·
1 CMS311-W480E/Q470E motherboard
·
1 COM port cable (Length: 300mm, 2 x COM ports)
A81-015026-023G
·
1 Serial ATA data cable (Length: 500mm)
332-553001-005G
·
1 I/O shield
TBD
·
USB 2.0 port cable (Length: 350/398mm)
A81-001066-016G
·
USB 3.2 Gen2 port cable (Length: 350mm)
A81-001075-017G
·
COM port cable (Length: 300mm, 2 x COM ports)
A81-015026-023G
·
Serial ATA data cable (Length: 500mm, W/LOCK)
332-553001-005G
·
Thermal solution (For 35W, Height: 37.3mm)
A71-101107-000G
·
Thermal solution (For 65W, Height: 74.47mm)
A71-101158-000G
·
Thermal solution (For 95W, Height: 77.2mm)
761-103001-000G 
·
DP to HDMI Dongle
612-D2H13M-000G
·
EXT-RS232 (4 ports RS-232 LPC module)
770-EXTRS1-000G
·
EXT-RS485 (4 ports RS-485 LPC module)
770-EXTRS1-100G
·
M.2-COM4 (M.2 serial port module)
770-M2COM1-000G
·
M.2-2LAN (M.2 LAN port module)
770-M22LN1-000G
·
M.2-2PSE (M.2 PSE module)
770-M22PS1-000G
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 7, 2024 DFI Inc.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com