Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS631 Datasheet(PDF) 4 Page - DFI Inc

Part # CMS631
Description  10th Gen Intel® CoreTM ATX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CMS631 Datasheet(HTML) 4 Page - DFI Inc

  CMS631 Datasheet HTML 1Page - DFI Inc CMS631 Datasheet HTML 2Page - DFI Inc CMS631 Datasheet HTML 3Page - DFI Inc CMS631 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com
PACKING LIST
OPTIONAL ITEMS
ORDERING INFORMATION
• 1 CMS631 motherboard
• 1 COM port cables (Length: 300mm, 2 x COM ports) A81-015026-023G
• 1 Serial ATA data cable (Length: 500mm)
332-553001-005G
• 1 I/O shield
A49-CMS631-000G
• USB 2.0 port cable (Length: 350/398mm)
A81-001066-016G
• USB 3.1 Gen1 port cable (Length: 320mm)
A81-001052-023G
• USB 3.2 Gen2 port cable (Length: 300mm)
A81-001075-017G
• COM port cable (Length: 300mm, 2 x COM ports)
A81-015026-023G
• Serial ATA data cable (Length: 500mm, W/LOCK)
332-553001-005G
• Serial ATA data cable (Length: 500mm, W/LOCK, 90D) A81-002128-017G
• Thermal solution (For 35W, Height: 37.3mm)
A71-101107-000G
• Thermal solution (For 65W, Height: 74.47mm)
A71-101158-000G
• Thermal solution (For 95W, Height: 77.2mm)
761-103001-000G 
• DP to HDMI Dongle
612-D2H13M-000G
• EXT-RS232 (4 ports RS-232 LPC module)
770-EXTRS1-000G
• EXT-RS485 (4 ports RS-485 LPC module)
770-EXTRS1-100G
• M.2-COM4 (M.2 serial port module)
770-M2COM1-000G
• M.2-2LAN (M.2 LAN port module)
770-M22LN2-000G
• M.2-2PSE (M.2 PSE module)
770-M22PS2-000G
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 26, 2024 DFI Inc.
SPECIFICATION
Model Name
P/N
Memory
GbE M.2
RS-232
/422/485
USB 3.2
Gen2
USB 3.2
Gen1 USB 2.0 SATA TPM 2.0
Power
Temp.
CMS631-H420EC
770-CMS6313-000G
2 DDR4 UDIMM
2
0
1
0
6
10
4
0
24-pin ATX/
8-pin ATX 12V -5 to 65
oC
CMS631-Q470ECRM 770-CMS6313-100G
4 DDR4 UDIMM
1
2
13
6
0
CMS631-H420EC
770-CMS6313-200G
2 DDR4 UDIMM
0
0
10
4
1
CMS631-Q470ECRM 770-CMS6313-300G
4 DDR4 UDIMM
1
2
13
6
1
CMS631-H420EC
770-CMS6313-400G
2 DDR4 UDIMM
1
0
10
3
0
Model Name
CMS631-Q470E
CMS631-H420E
INTERNAL I/O
SMBus
1 x SMBus
1 x SMBus
WATCHDOG
TIMER
Output & Interval System Reset, Programmable via Software from
1 to 255 Seconds
System Reset, Programmable via Software from
1 to 255 Seconds
SECURITY
TPM
Infineon TPM2.0 (opt., MOQ required)
Infineon TPM2.0 (opt., MOQ required)
Power
Type
ATX
ATX
Connector
8-pin ATX 12V power
24-pin ATX power
8-pin ATX 12V power
24-pin ATX power
Consumption
Typical: i9-10900K: 3.3V @ 0.13A (0.429W);
5V @ 0.7A (3.5W); 12V @ 0.44A (5.28W)
Max.: i9-10900K: 3.3V @ 0.18A (0.594W);
5V @ 1.59A (7.95W); 12V @ 14.22A (170.64W)
Typical: i9-10900K: 3.3V @ 0.13A (0.429W);
5V @ 0.7A (3.5W); 12V @ 0.44A (5.28W)
Max.: i9-10900K: 3.3V @ 0.18A (0.594W);
5V @ 1.59A (7.95W); 12V @ 14.22A (170.64W)
RTC Battery
CR2032 Coin Cell
CR2032 Coin Cell
OS Support
Microsoft
Windows 10 IoT Enterprise 64-bit
Windows 11 GAC
Windows 10 IoT Enterprise 64-bit
Windows 11 GAC
Linux
Linux Ubuntu 20.04
Linux Ubuntu 20.04
Environment
Temperature
Operating: -5 to 65°C
Storage: -40 to 85°C
Operating: -5 to 65°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
504,168 hrs @ 25°C ; 278,849 hrs @ 45°C ;
172,277 hrs @ 60°C ; 146,454 hrs @ 65°C
Calculation Model: Telcordia Issue 4
Environment: GB, GC - Ground Benign, Controlled
521,024 hrs @ 25°C ; 292,119 hrs @ 45°C ;
181,960 hrs @ 60°C ; 155,038 hrs @ 65°C
Calculation Model: Telcordia Issue 4
Environment: GB, GC - Ground Benign, Controlled
Mechanism
Dimensions
ATX Form Factor
305mm (12") x 244mm (9.6")
ATX Form Factor
305mm (12") x 244mm (9.6")
Height
PCB: 1.6mm
Top Side: 37.7mm
Bottom Side: 3mm
PCB: 1.6mm
Top Side: 37.7mm
Bottom Side: 3mm
Certifications
Certifications
CE, FCC Class B, RoHS, UKCA
CE, FCC Class B, RoHS, UKCA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com