Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1580 Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1580
Description  Optically Isolated Gate Drive Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1580 Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1580 Datasheet HTML 1Page - Clare, Inc. CPC1580 Datasheet HTML 2Page - Clare, Inc. CPC1580 Datasheet HTML 3Page - Clare, Inc. CPC1580 Datasheet HTML 4Page - Clare, Inc. CPC1580 Datasheet HTML 5Page - Clare, Inc. CPC1580 Datasheet HTML 6Page - Clare, Inc. CPC1580 Datasheet HTML 7Page - Clare, Inc. CPC1580 Datasheet HTML 8Page - Clare, Inc. CPC1580 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CPC1580
R00G
www.clare.com
3
1. Specifications
1.1 Package Pinout
1.2 Absolute Maximum Ratings
1 Derate linearly 1.33mW/°C
2 Derate linearly 6.0mW/°C
Absolute maximum electrical ratings are at 25°C
Absolute maximum ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
1.3 Pin Description
1.4 ESD Rating
Parameter
Rating
Units
Blocking Voltage (VDS)
65
VP
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
150
mW
Output Power Dissipation 2
500
mW
Isolation Voltage (Input to Output)
3750
Vrms
Operational Temperature
-40 to +110
°C
Storage Temperature
-40 to +125
°C
1
2
3
4
8
7
6
5
LED +
LED -
N/C
N/C
V
CAP
V
D
V
S
V
G
CPC1580P Pinout
Pin#
Name
Description
1
N/C
Not connected
2
LED +
Positive input to LED
3
LED -
Negative input to LED
4
N/C
Not connected
5
VG
Output, MOSFET Gate Control
6
VS
MOSFET Source Voltage
7
VD
MOSFET Drain Voltage
8
VCAP
Storage Capacitor
ESD Rating
(Human Body Model)
1000 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com